Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N137T1 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # 6N137T1
Description  10MBit/s High Speed Logic Gate Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

6N137T1 Datasheet(HTML) 4 Page - CT Micro International Corporation

  6N137T1 Datasheet HTML 1Page - CT Micro International Corporation 6N137T1 Datasheet HTML 2Page - CT Micro International Corporation 6N137T1 Datasheet HTML 3Page - CT Micro International Corporation 6N137T1 Datasheet HTML 4Page - CT Micro International Corporation 6N137T1 Datasheet HTML 5Page - CT Micro International Corporation 6N137T1 Datasheet HTML 6Page - CT Micro International Corporation 6N137T1 Datasheet HTML 7Page - CT Micro International Corporation 6N137T1 Datasheet HTML 8Page - CT Micro International Corporation 6N137T1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 4
Jul, 2014
6N137
10MBit/s High Speed Logic Gate Optocoupler
Electrical Characteristics
TA = -40 - 85°C (unless otherwise specified). Typical values are measured at TA = 250C, VCC=5V and IF= 7.5mA
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
Output Propagation Delay High to
Low
CL= 15pF, RL= 350
-
34
75
ns
TPLH
Output Propagation Delay Low to
High
-
39
75
ns
PWD
Pulse Width Distortion
-
5
34
ns
Tr
Output Rise Time
-
37
-
ns
Tf
Output Fall Time
-
10
-
ns
TELH
Enable Propagation Delay Low To
High
VEH= 3.5V, CL= 15pF, RL=
350
-
15
-
ns
TEHL
Enable Propagation Delay High
To Low
-
15
-
ns
CMH
Common Mode Transient
Immunity at Logic High
IF= 0mA, VCM= 50Vp-p, VOH=
2.0V, RL= 350
5000
-
-
V/µs
CML
Common Mode Transient
Immunity at Logic Low
IF=7.5mA, VCM= 50Vp-p,
VOL= 0.8V, RL= 350
5000
-
-
V/µs


Similar Part No. - 6N137T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
6N137TSR2VM ONSEMI-6N137TSR2VM Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
6N137TSVM ONSEMI-6N137TSVM Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
logo
Fairchild Semiconductor
6N137TV FAIRCHILD-6N137TV Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137TVM FAIRCHILD-6N137TVM Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
6N137TVM ONSEMI-6N137TVM Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results

Similar Description - 6N137T1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
CTW137 CTMICRO-CTW137 Datasheet
1Mb / 15P
   9mm, 10MBit/s Logic Gate Optocoupler
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTM600 CTMICRO-CTM600 Datasheet
1Mb / 13P
   10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com