Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39232B3927U510 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39232B3927U510
Description  SAW Components SAW Diplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39232B3927U510 Datasheet(HTML) 4 Page - TDK Electronics

  B39232B3927U510 Datasheet HTML 1Page - TDK Electronics B39232B3927U510 Datasheet HTML 2Page - TDK Electronics B39232B3927U510 Datasheet HTML 3Page - TDK Electronics B39232B3927U510 Datasheet HTML 4Page - TDK Electronics B39232B3927U510 Datasheet HTML 5Page - TDK Electronics B39232B3927U510 Datasheet HTML 6Page - TDK Electronics B39232B3927U510 Datasheet HTML 7Page - TDK Electronics B39232B3927U510 Datasheet HTML 8Page - TDK Electronics B39232B3927U510 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
May 17, 2013
B3927
1591.21 & 2332.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Diplexer
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +105 ˚C
Terminating source impedance:
ZIn =50 Ω || 5.1 nH
Terminating load impedance:
ZSDARS =50 Ω
Characteristics SDARS - Output
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2332.50
MHz
Maximum insertion attenuation
α
max
2320.00 ... 2345.00 MHz
1.6
2.0
dB
Amplitude ripple (p-p)
∆α
2320.00 ... 2345.00 MHz
0.4
1.0
dB
Input VSWR
2320.00 ... 2345.00 MHz
1.6
2.1
Output VSWR
2320.00 ... 2345.00 MHz
1.5
1.9
Attenuation
α
100.00 ... 1000.00 MHz
25
30
dB
1000.00 ... 1700.00 MHz
23
27
dB
1700.00 ... 2150.00 MHz
24
27
dB
2150.00 ... 2230.00 MHz
16
20
dB
2415.00 ... 2430.00 MHz
15
35
dB
2430.00 ... 2850.00 MHz
29
32
dB
2850.00 ... 3000.00 MHz
26
29
dB
Characteristics SDARS - GPS, GLONASS
min.
typ.
@ 25 ˚C
max.
Isolation between GPS, GLONASS and
SDARS path
α
1572.42 ... 1610.00 MHz
25
31
dB
2320.00 ... 2345.00 MHz
29
32
dB


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn