Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39232B3927U510 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39232B3927U510
Description  SAW Components SAW Diplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39232B3927U510 Datasheet(HTML) 2 Page - TDK Electronics

  B39232B3927U510 Datasheet HTML 1Page - TDK Electronics B39232B3927U510 Datasheet HTML 2Page - TDK Electronics B39232B3927U510 Datasheet HTML 3Page - TDK Electronics B39232B3927U510 Datasheet HTML 4Page - TDK Electronics B39232B3927U510 Datasheet HTML 5Page - TDK Electronics B39232B3927U510 Datasheet HTML 6Page - TDK Electronics B39232B3927U510 Datasheet HTML 7Page - TDK Electronics B39232B3927U510 Datasheet HTML 8Page - TDK Electronics B39232B3927U510 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
May 17, 2013
B3927
1591.21 & 2332.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Diplexer
Data sheet
Application
s
Low-loss Diplexer for GPS, GLONASS and SDARS
application
s
Low amplitude ripple
s
Low groupdelay ripple
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Package code DCC6D
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
AEC-Q200 qualified component family
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
2
Input
s
4
GPS, GLONASS Output
s
6
SDARS Output
s
1, 3, 5
Ground (case)
1,3,5
2
4
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn