Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1H Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # E1H
Description  GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

E1H Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  E1H Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. E1H Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES E1A THRU E1M
0
25
50
75
100
125
150
175
0
0.2
0.4
0.6
0.8
1.0
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERE CHARACTERISTICS
REVERE VOLTAGE. (V)
SET TIME BASE FOR 50/100 ns/cm
LEAD TEMPERATURE ( C)
°
0.1 0.2
0.4
1
4
210
40
20
1cm
trr
-0.25A
0
+0.5A
-1.0A
100
10
60
40
100
20
200
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TEST CIRCUIT DIAGRAM AND REVERE
RECOVERY TIME CHARACTERISTIC
T =25 C
J
°
SINGIE PHASE HAIF WAVE 60H
RESISTIVE OR INDUCTIVE LOAD
Z
6
4
2
1
0.1
020
1
10
100
40
60
80
100 110
PERCENT OF RATED PEAK REVERE VOLTAGE,%
PULSE
GENERATOR
(NOTE2)
NONINDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NONINDUCTIVE
NONIN-
DUCTIVE
50W
50Vdc
10W
1
()
()
NOTES:1.Rise Time=7ns max. input lmpedance=1
megohm 22pF
2.Rise Time=10ns max. source lmpedance
=50 ohms
(ADJUSTABLE)
0.4
0.6
0.8
1.0
1.2
1.4
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
T =25 C
J
°
Pulse Width=300 s
1% Duty Cycle
µ
0.01
0.03
0.1
0.3
1
3
10
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
2-2
10
0
20
30
40
50
14
8
6
260
10
20
40
100
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
T =125 C
J
°
T =150 C
J
°


Similar Part No. - E1H

ManufacturerPart #DatasheetDescription
logo
RFE international
E1HF RFE-E1HF Datasheet
2Mb / 4P
   Surface Mount Super Fast Recovery Rectifier E1AF Through E1KF
10-14-2022
E1HFS RFE-E1HFS Datasheet
3Mb / 4P
   Surface Mount Super Fast Recovery Rectifier E1AFS Through E1JFS
10-14-2022
More results

Similar Description - E1H

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Unisonic Technologies
SF26G UTC-SF26G Datasheet
156Kb / 4P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SF10A01F YENYO-SF10A01F Datasheet
837Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com