Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL1404 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL1404
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1404 Datasheet(HTML) 1 Page - International Rectifier

  IRL1404 Datasheet HTML 1Page - International Rectifier IRL1404 Datasheet HTML 2Page - International Rectifier IRL1404 Datasheet HTML 3Page - International Rectifier IRL1404 Datasheet HTML 4Page - International Rectifier IRL1404 Datasheet HTML 5Page - International Rectifier IRL1404 Datasheet HTML 6Page - International Rectifier IRL1404 Datasheet HTML 7Page - International Rectifier IRL1404 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRL1404
HEXFET® Power MOSFET
Seventh Generation HEXFET® power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all commercial-industrial
applications at power dissipation levels to approximately 50 watts. The
low thermal resistance and low package cost of the TO-220 contribute to
its wide acceptance throughout the industry.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
160
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
110
†
A
IDM
Pulsed Drain Current

640
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
620
mJ
IAR
Avalanche Current

95
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Thermal Resistance
VDSS = 40V
RDS(on) = 4.0mΩ
ID = 160A
†
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
06/14/04
www.irf.com
1
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
(PCB Mounted)
‡
–––
62
TO-220AB
PD - 93854B


Similar Part No. - IRL1404

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL1404L IRF-IRL1404L Datasheet
134Kb / 10P
   HEXFET-R Power MOSFET
IRL1404LPBF IRF-IRL1404LPBF Datasheet
653Kb / 11P
   HEXFET짰 Power MOSFET
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
IRL1404PBF IRF-IRL1404PBF Datasheet
219Kb / 8P
   Advanced Process Technology
More results

Similar Description - IRL1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com