Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27C256-55WMB Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY27C256-55WMB
Description  32K x 8-Bit CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27C256-55WMB Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY27C256-55WMB Datasheet HTML 1Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 2Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 3Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 4Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 5Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 6Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 7Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 8Page - Cypress Semiconductor CY27C256-55WMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY27C256
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. -65
°C to +150°C
Ambient Temperature with
Power Applied............................................. -55
°C to +125°C
Supply Voltage to Ground Potential ................- 0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State................................................ -0.5V to +7.0V
DC Input Voltage .............................................-3.0V to +7.0V
DC Program Voltage .................................................... 13.0V
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
UV Exposure ................................................ 7258 Wsec/cm2
Selection Guide
27C256-45
27C256-55
27C256-70
27C256-90
27C256-120
27C256-150
27C256-200
Maximum Access Time (ns)
45
55
70
90
120
150
200
Maximum
Operating
Current (mA)
Com’l
45
45
45
45
45
45
45
Mil
55
55
55
55
55
55
55
Standby Current
(mA)
Com’l
15
15
15
15
15
15
15
Mil
20
20
20
20
20
20
20
Chip Select Time (ns)
45
55
70
90
120
150
200
Output Enable Time (ns)
15
20
25
30
30
40
40
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
28-Pin TSOP
12
13
16
15
17
18
OE
A11
A9
A8
A13
A14
VCC
VPP
A12
A7
A10
CE
O7
O6
O5
O4
O3
GND
O2
O0
O1
A0
A6
A5
A1
A2
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
T
op View
32-Pin TSOP
12
13
29
32
31
30
16
15
17
18
OE
A1
1
A
9
A
8
A1
3
NC
A1
4
VCC
VP
P
NC
A1
2
A
7
A
6
A
5
NC
A10
CE
O7
O6
O5
O4
O3
GND
O2
O1
NC
O0
A0
A
4
A
3
A1
A2
A4
A3
27c256–4
27c256–5
27C256T
27C256


Similar Part No. - CY27C256-55WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120JC CYPRESS-CY27C128-120JC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120PC CYPRESS-CY27C128-120PC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120WC CYPRESS-CY27C128-120WC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120WMB CYPRESS-CY27C128-120WMB Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results

Similar Description - CY27C256-55WMB

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com