Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39232B3471H910 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39232B3471H910
Description  SAW Components SAW band-stop filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39232B3471H910 Datasheet(HTML) 4 Page - TDK Electronics

  B39232B3471H910 Datasheet HTML 1Page - TDK Electronics B39232B3471H910 Datasheet HTML 2Page - TDK Electronics B39232B3471H910 Datasheet HTML 3Page - TDK Electronics B39232B3471H910 Datasheet HTML 4Page - TDK Electronics B39232B3471H910 Datasheet HTML 5Page - TDK Electronics B39232B3471H910 Datasheet HTML 6Page - TDK Electronics B39232B3471H910 Datasheet HTML 7Page - TDK Electronics B39232B3471H910 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
October 22, 2013
B3471
2332.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW band-stop filter
Data sheet
Matching network to 50
Ω and coupling coil
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
source impedance 50
824.0... 849.0 MHz
33.0
dBm
GSM signal, duty cycle 4:8
1850.0... 1910.0 MHz
28.0
dBm
for 10,000 hours at 85˚C
Lc2
Lp2
Lc1
Lp1
Lp1 = 10.0 nH
Lc1 = 2.4 nH
Lc2 = 2.4 nH
Lp2 = 10.0 nH
Q factors of inductors:
90 @1000 MHz


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn