Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39232B3471H910 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B39232B3471H910
Description  SAW Components SAW band-stop filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39232B3471H910 Datasheet(HTML) 3 Page - TDK Electronics

  B39232B3471H910 Datasheet HTML 1Page - TDK Electronics B39232B3471H910 Datasheet HTML 2Page - TDK Electronics B39232B3471H910 Datasheet HTML 3Page - TDK Electronics B39232B3471H910 Datasheet HTML 4Page - TDK Electronics B39232B3471H910 Datasheet HTML 5Page - TDK Electronics B39232B3471H910 Datasheet HTML 6Page - TDK Electronics B39232B3471H910 Datasheet HTML 7Page - TDK Electronics B39232B3471H910 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
October 22, 2013
B3471
2332.5 MHz
SAW Components
SAW band-stop filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2332.5
MHz
Maximum insertion attenuation1)
1) incl. loss in matching elements (QL= 90 @ 1000 MHz).
α
max
698.00 ...
960.00 MHz
0.9
1.3
dB
1440.00 ... 1520.00 MHz
1.6
2.2
dB
1710.00 ... 2200.00 MHz
1.5
2.2
dB
2496.00 ... 2690.00 MHz
2.0
2.5
dB
Attenuation
α
2320.00 ... 2345.00 MHz
30
37
dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn