Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27C256-55ZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY27C256-55ZC
Description  32K x 8-Bit CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27C256-55ZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY27C256-55ZC Datasheet HTML 1Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 2Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 3Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 4Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 5Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 6Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 7Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 8Page - Cypress Semiconductor CY27C256-55ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY27C256
3
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
±10%
Industrial[2]
-40
°C to +85°C
5V
±10%
Military[3]
-55
°C to +125°C
5V
±10%
Electrical Characteristics Over the Operating Range[4]
27C256-45, 55, 70, 90,
120, 150, 200
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 16.0 mA
[5]
0.4
V
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All
Inputs
2.0
VCC
V
VIL
Input LOW Level
Guaranteed Input Logical LOW Voltage for All
Inputs
–0.3
0.8
V
IIX
Input Current
GND < VIN < VCC
–10
+10
µA
IOZ
Output Leakage Current
GND < VOUT < VCC,
Output Disabled
Commercial
–10
+10
µA
Military
–40
+40
IOS
Output Short Circuit Current[6]
VCC = Max., VOUT = GND
–20
–90
mA
ICC
Power Supply Current
VCC = Max., VIN =VIH,
IOUT = 0 mA, CE=VIL,
OE = VIH
Commercial
45
mA
Military
55
ISB
Standby Supply Current
VCC = Max., CE = VIH
Commercial
15
mA
Military
20
VPP
Programming Supply Voltage
12
13
V
IPP
Programming Supply Current
50
mA
VIHP
Input HIGH Programming
Voltage
3.0
V
VILP
Input LOW Programming
Voltage
0.4
V
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Notes:
2.
Contact a Cypress representative for information on industrial temperature range specifications.
3.
TA is the “instant on” case temperature.
4.
See the last page of this specification for Group A subgroup testing information.
5.
IOL=12.0 mA for military devices.
6.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.
7.
See Introduction to CMOS PROMs in this Data Book for general information on testing.


Similar Part No. - CY27C256-55ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120JC CYPRESS-CY27C128-120JC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120PC CYPRESS-CY27C128-120PC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120WC CYPRESS-CY27C128-120WC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120WMB CYPRESS-CY27C128-120WMB Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results

Similar Description - CY27C256-55ZC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com