Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK15-D48-S15 Datasheet(PDF) 1 Page - CUI INC

Part # PK15-D48-S15
Description  dc-dc converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PK15-D48-S15 Datasheet(HTML) 1 Page - CUI INC

  PK15-D48-S15 Datasheet HTML 1Page - CUI INC PK15-D48-S15 Datasheet HTML 2Page - CUI INC PK15-D48-S15 Datasheet HTML 3Page - CUI INC PK15-D48-S15 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: dc-dc converter
1 of 4
06/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: PK15
features
·industry standard pin out
·wide 2:1 input range
·fully isolated
·low ripple & noise
·over-current protection
·output voltage variation (TRM)
·HI-POT tested
·constant switching frequency
·high efficiency
·compact size 1.8”x2.0”x0.375”
·3 year warranty
MODEL1
output
input
output
output
output
ripple & noise 2
efficiency
power
voltage
voltage
current
current
mV P-P
(typ.)
(max)
(min)
(max)
PK15-D5-S3.3
6.6W
4.5-7.2VDC
3.3VDC
0A
2.0A
50
76%
PK15-D5-S5
10.0W
4.5-7.2VDC
5VDC
0A
2.0A
50
78%
PK15-D5-S12
12.0W
4.5-7.2VDC
12VDC
0A
1.0A
120
80%
PK15-D5-S15
12.0W
4.5-7.2VDC
15VDC
0A
0.8A
150
80%
PK15-D5-D5
10.0W
4.5-7.2VDC
±5VDC
0A
1.0A
120/120
80%
PK15-D5-D12
12.0W
4.5-7.2VDC
±12VDC
0A
0.5A
150/150
80%
PK15-D5-D15
12.0W
4.5-7.2VDC
±15VDC
0A
0.4A
150/150
80%
PK15-D12-S3.3
7.92W
8-16.5VDC
3.3VDC
0A
2.4A
50
83%
PK15-D12-S5
12.0W
8-16.5VDC
5VDC
0A
2.4A
50
85%
PK15-D12-S12
14.4W
8-16.5VDC
12VDC
0A
1.2A
120
88%
PK15-D12-S15
15.0W
8-16.5VDC
15VDC
0A
1.0A
150
88%
PK15-D12-D5
15.0W
8-16.5VDC
±5VDC
0A
1.5A
120/120
85%
PK15-D12-D12
14.4W
8-16.5VDC
±12VDC
0A
0.6A
150/150
85%
PK15-D12-D15
15.0W
8-16.5VDC
±15VDC
0A
0.5A
150/150
85%
PK15-D24-S3.3
7.92W
18-32VDC
3.3VDC
0A
2.4A
50
84%
PK15-D24-S5
12.0W
18-32VDC
5VDC
0A
2.4A
50
85%
PK15-D24-S12
14.4W
18-32VDC
12VDC
0A
1.2A
120
88%
PK15-D24-S15
15.0W
18-32VDC
15VDC
0A
1.0A
150
87%
PK15-D24-D5
15.0W
18-32VDC
±5VDC
0A
1.5A
120/120
86%
PK15-D24-D12
14.4W
18-32VDC
±12VDC
0A
0.6A
150/150
86%
PK15-D24-D15
15.0W
18-32VDC
±15VDC
0A
0.5A
150/150
86%
PK15-D48-S3.3
7.92W
32-63VDC
3.3VDC
0A
2.4A
50
78%
PK15-D48-S5
12.0W
32-63VDC
5VDC
0A
2.4A
50
80%
PK15-D48-S12
14.4W
32-63VDC
12VDC
0A
1.2A
120
83%
PK15-D48-S15
15.0W
32-63VDC
15VDC
0A
1.0A
150
83%
PK15-D48-D5
15.0W
32-63VDC
±5VDC
0A
1.5A
120/120
83%
PK15-D48-D12
14.4W
32-63VDC
±12VDC
0A
0.6A
150/150
83%
PK15-D48-D15
15.0W
32-63VDC
±15VDC
0A
0.5A
150/150
83%
NOTE: 1. All models (excluding the 5 V dc input, D5) are also available in an extended temperature range of -40°C~85°C. For these
models, append “M” to the model number, e.g. PK15-D12-S3.3M.
2. Ripple & noise measured with a 20MHz bandwidth, off a 10uF electrolytic and a 0.1uF ceramic cap in parallel at the
ouptut.
For more information, please visit the product page.


Similar Part No. - PK15-D48-S15

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
PK15 WILLOW-PK15 Datasheet
936Kb / 2P
   Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
logo
List of Unclassifed Man...
PK15GTAL ETC2-PK15GTAL Datasheet
63Kb / 1P
   LOAD CENTER EQUIPMENT GRD BAR W/CU LUG
More results

Similar Description - PK15-D48-S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com