Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS1-S3-S5-S Datasheet(PDF) 1 Page - CUI INC

Part # PDS1-S3-S5-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS1-S3-S5-S Datasheet(HTML) 1 Page - CUI INC

  PDS1-S3-S5-S Datasheet HTML 1Page - CUI INC PDS1-S3-S5-S Datasheet HTML 2Page - CUI INC PDS1-S3-S5-S Datasheet HTML 3Page - CUI INC PDS1-S3-S5-S Datasheet HTML 4Page - CUI INC PDS1-S3-S5-S Datasheet HTML 5Page - CUI INC PDS1-S3-S5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date
page
1 of 6
SERIES:
PDS1-S │ DESCRIPTION: DC-DC CONVERTER
10/28/2014
date
page
1 of 6
FEATURES
• 1 W isolated output
• smaller package
• single unregulated output
• 1,500 Vdc isolation
• short circuit protection
• extended temperature range (-40~105°C)
• antistatic protection up to 8kV
• UL 60950-1 approval
• high efficiency at light load
• efficiency up to 82%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
PDS1-S3-S3-S
3.3
2.97~3.63
3.3
30
303
1
30
75
PDS1-S3-S5-S1
3.3
2.97~3.63
5
20
200
1
30
80
PDS1-S5-S3-S
5
4.5~5.5
3.3
30
303
1
30
76
PDS1-S5-S5-S1
5
4.5~5.5
5
20
200
1
30
80
PDS1-S5-S9-S1
5
4.5~5.5
9
12
111
1
30
80
PDS1-S5-S12-S1
5
4.5~5.5
12
9
84
1
30
81
PDS1-S5-S15-S1
5
4.5~5.5
15
7
67
1
60
81
PDS1-S5-S24-S1
5
4.5~5.5
24
4
42
1
60
81
PDS1-S12-S3-S
12
10.8~13.2
3.3
30
303
1
30
76
PDS1-S12-S5-S1
12
10.8~13.2
5
20
200
1
30
80
PDS1-S12-S9-S1
12
10.8~13.2
9
12
111
1
30
80
PDS1-S12-S12-S1
12
10.8~13.2
12
9
83
1
30
81
PDS1-S12-S15-S1
12
10.8~13.2
15
7
67
1
60
80
PDS1-S15-S5-S
15
13.5~16.5
5
20
200
1
30
80
PDS1-S15-S12-S
15
13.5~16.5
12
9
83
1
60
80
PDS1-S15-S15-S
15
13.5~16.5
15
7
67
1
60
81
PDS1-S24-S3-S
24
21.6~26.4
3.3
30
303
1
30
76
PDS1-S24-S5-S1
24
21.6~26.4
5
20
200
1
30
80
PDS1-S24-S9-S1
24
21.6~26.4
9
12
111
1
30
80
PDS1-S24-S12-S1
24
21.6~26.4
12
9
84
1
30
81
PDS1-S24-S15-S1
24
21.6~26.4
15
7
67
1
60
82
PDS1-S24-S24-S1
24
21.6~26.4
24
4
42
1
60
82
Notes:
1. UL approved
2. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
For more information, please visit the product page.


Similar Part No. - PDS1-S3-S5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDS1-S3-S5-S CUI-PDS1-S3-S5-S Datasheet
546Kb / 6P
   DC-DC CONVERTER
PDS1-S3-S5-S CUI-PDS1-S3-S5-S Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/06/2021
More results

Similar Description - PDS1-S3-S5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com