Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM2-S12-D5-S Datasheet(PDF) 5 Page - CUI INC

Part # PDM2-S12-D5-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDM2-S12-D5-S Datasheet(HTML) 5 Page - CUI INC

  PDM2-S12-D5-S Datasheet HTML 1Page - CUI INC PDM2-S12-D5-S Datasheet HTML 2Page - CUI INC PDM2-S12-D5-S Datasheet HTML 3Page - CUI INC PDM2-S12-D5-S Datasheet HTML 4Page - CUI INC PDM2-S12-D5-S Datasheet HTML 5Page - CUI INC PDM2-S12-D5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDM2-S │ DESCRIPTION: DC-DC CONVERTER
date 12/16/2014
│ page 5 of 6
1. Output load requirement
To ensure this module can operate efficiently and reliably, the minimum output load may not be less than 10% of the full load during
operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load.
2. Overload Protection
Under normal operating conditions, the output circuit of this product has no protection against overload. The simplest method to add
this is to add a circuit breaker to the circuit.
3. Recommended circuit
If you want to further decrease the input/output ripple, you can increase the capacitance accordingly or choose capacitors with low
ESR(see Figure 3 & Table 3). However, the capacitance of the output filter capacitor must be appropriate. If the capacitance is too
high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the maximum capacitance
must be less than the maximum capacitive load (see Table 4).
APPLICATION NOTES
Notes:
1. Operation under minimum load will not damage the converter; however, they may not meet all specifications listed.
2. Max. capacitive load tested at input voltage range and full load.
3. It is recommended to use either ceramic capacitors or electrolytic capacitors on the input and the output. Using tantalum capacitors may increase the risk of failure.
4. All specifications measured at: Ta=25°C, humidity<75%, nominal input voltage and rated output load, unless otherwise specified.
Single Vout
(Vdc)
Max. Capacitive Load
(μF)
Dual Vout
(Vdc)
Max. Capacitive Load1
(μF)
3.3
220
3.3
100
5
220
5
100
12
220
12
100
15
220
15
100
24
220
24
100
Figure 3
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Dual Output
Single Output
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Table 3
Vin
(Vdc)
Cin
(µF)
Single Vo
(Vdc)
Cout
(µF)
Dual Vo
(Vdc)
Cout
(µF)
5
4.7
3.3
10
±3.3
4.7
12
2.2
5
10
±5
4.7
15
2.2
12
2.2
±12
1
24
1
15
1
±15
0.47
--
--
24
1
±24
0.47
Note:
It’s not recommended to connect any external capacitors in
applications with less than 0.5 watt output.
Table 4
Note:
1. For each output.
For more information, please visit the product page.


Similar Part No. - PDM2-S12-D5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDM2-S12-D5-S CUI-PDM2-S12-D5-S Datasheet
607Kb / 6P
   DC-DC CONVERTER
PDM2-S12-D5-S CUI-PDM2-S12-D5-S Datasheet
601Kb / 6P
   DC-DC CONVERTER
01/18/2021
More results

Similar Description - PDM2-S12-D5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com