Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-50HT-A-000 Datasheet(PDF) 10 Page - CUI INC

Part # NDM2Z-50HT-A-000
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-50HT-A-000 Datasheet(HTML) 10 Page - CUI INC

Back Button NDM2Z-50HT-A-000 Datasheet HTML 6Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 7Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 8Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 9Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 10Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 11Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 12Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 13Page - CUI INC NDM2Z-50HT-A-000 Datasheet HTML 14Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
cui.com
date
12/21/2015
│ page 10 of 32
CUI Inc
│ SERIES: NDM2Z-50 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Output Ripple vs. Input Voltage
Output Ripple vs. Frequency
Output voltage ripple Vpk-pk at: TP1 = +25 °C, CO = 470 μF/10 mΩ, IO = 50 A
Output voltage ripple Vpk-pk at: TP1 = +25 °C, VI = 12 V, CO = 470 μF/10 mΩ,
IO = 50 A. Default configuration except changed frequency.
Output Ripple vs. External Capacitance
Load regulation, VO =1.0 V
Output voltage ripple Vpk-pk at: TP1 = +25 °C, VI = 12 V. IO = 50 A.
Parallel coupling of capacitors with 470 μF/10 mΩ
Load regulation at VO = 1.0 V, TP1 = +25 °C, CO = 470 μF/10 mΩ
0
10
20
30
40
579
11
13
[mV
pk-pk]
[V]
0.6 V
1.0 V
1.8 V
3.3 V
0
10
20
30
40
50
60
70
200
300
400
500
600
[mV
pk-pk]
[kHz]
0.6 V
1.0 V
1.8 V
3.3 V
0
10
20
30
40
0
1234
5
[mV]
[mF]
0.6 V
1.0 V
1.8 V
3.3 V
0,990
0,995
1,000
1,005
1,010
0
5
10
15
20
25
[V]
[A]
4.5 V
5.0 V
12 V
14 V
TYPICAL CHARACTERISTICS, HORIZONTAL (CONTINUED)
For more information, please visit the product page.


Similar Part No. - NDM2Z-50HT-A-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-50HT-A-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com