Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-25 Datasheet(PDF) 5 Page - CUI INC

Part # NDM2Z-25
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-25 Datasheet(HTML) 5 Page - CUI INC

  NDM2Z-25 Datasheet HTML 1Page - CUI INC NDM2Z-25 Datasheet HTML 2Page - CUI INC NDM2Z-25 Datasheet HTML 3Page - CUI INC NDM2Z-25 Datasheet HTML 4Page - CUI INC NDM2Z-25 Datasheet HTML 5Page - CUI INC NDM2Z-25 Datasheet HTML 6Page - CUI INC NDM2Z-25 Datasheet HTML 7Page - CUI INC NDM2Z-25 Datasheet HTML 8Page - CUI INC NDM2Z-25 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
cui.com
date
12/21/2015
│ page 5 of 32
CUI Inc
│ SERIES: NDM2Z-25 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PRODUCT ELECTRICAL SPECIFICATION, HORIZONTAL (CONTINUED)
parameter
conditions/description
min
typ
max
units
logic input low threshold(V
IL)
SYNC, SA0, SA1, SCL, SDA, DDC, CTRL, VSET
0.8
V
logic input high threshold (V
IH)2
V
logic input low sink current(I
IL)
CTRL
0.6
mA
logic output low signal level
(V
OL)
SYNC, SCL, SDA, SALERT, DDC, PG
0.4
V
logic output high signal level
(V
OH)
2.25
V
logic output low sink current
(I
OL)
4mA
logic output high source current
(I
OH)
2mA
setup time, SMBus(t
SET)
see note 1
300
ns
hold time, SMBus(t
hold)
see note 1
250
ns
bus free time, SMBus(t
free)
see note 1
2
ms
internal capacitance on logic
pins (C
P)
10
pF
initialization time
see note 10
40
ms
output voltage delay time see
note 6
delay duration
see note 16
10
ms
delay duration range
PMBus configurable
5-500,000
ms
delay accuracy turn-on
-0.25/+4
ms
delay accuracy turn-off
-0.25/+4
ms
output voltage ramp time
see note 13
ramp duration
10
ms
ramp duration range
PMBus configurable
0-200
ms
ramp time accuracy
100
μs
current sharing
operation
20
%
VTRK input bias current
V
VTRK = 5.5 V
110
200
μA
VTRK tracking ramp accuracy
(V
O - VVTRK)
100% tracking, see note 7
-100
100
mV
current sharing operation 2 phases, 100% tracking
V
O = 1.0 V, 10 ms ramp
±100
mV
VTRK regulation accuracy
(V
O - VVTRK)
100% Tracking
-1
1
%
current sharing operation 100% Tracking
-2
2
%
current difference between
products in a current
sharing group
steady state operation
Max 2 x READ_IOUT monitoring
accuracy
ramp-up
2
A
number of products in a current
sharing group
7
monitoring accuracy
READ_VIN vs V
I
3%
READ_VOUT vs V
O
1%
READ_IOUT vs I
O
I
O = 0-20 A, TP1 = 0 to +95 °C
V
I = 4.5-14 V, VO = 1.0 V
±1.7
A
READ_IOUT vs I
O
I
O = 0-20 A, TP1 = 0 to +95 °C
V
I = 4.5-14 V, VO = 0.6-3.3 V
±3
A
For more information, please visit the product page.


Similar Part No. - NDM2Z-25

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-25

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com