Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDM2Z-12V-AB Datasheet(PDF) 10 Page - CUI INC

Part # NDM2Z-12V-AB
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-12V-AB Datasheet(HTML) 10 Page - CUI INC

Back Button NDM2Z-12V-AB Datasheet HTML 5Page - CUI INC NDM2Z-12V-AB Datasheet HTML 6Page - CUI INC NDM2Z-12V-AB Datasheet HTML 7Page - CUI INC NDM2Z-12V-AB Datasheet HTML 8Page - CUI INC NDM2Z-12V-AB Datasheet HTML 9Page - CUI INC NDM2Z-12V-AB Datasheet HTML 10Page - CUI INC NDM2Z-12V-AB Datasheet HTML 11Page - CUI INC NDM2Z-12V-AB Datasheet HTML 12Page - CUI INC NDM2Z-12V-AB Datasheet HTML 13Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
cui.com
date 11/07/2014
│ page 10 of 13
CUI Inc
│ MODEL: NDM2Z-12V │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Current sharing modules which are also configured to track
a voltage must have all of the VTRK pins tied together.
All of the CTRL pins of the member modules must also be
connected together and driven by a common source. The
rise and fall times of the member modules should be set
between 5 ms and 10 ms to ensure current sharing while
ramping. PMBus commands can be used to configure the
voltage tracking features.
Voltage Margining
The NDM2Z-12 module offers a means to vary the output
voltage higher or lower relative to the nominal voltage
setting. The rate of change of the output voltage during
voltage margining is also configurable. The margin feature
can be reconfigured through PMBus commands.
SWITCHING FREQUENCY AND SYNCHRONIZATION
Switching Frequency
The switching frequency of the NDM2Z-12 module can
be reconfigured by PMBus commands or controlled by an
external clock source connected to the SYNC pin. If the
module is operated at a switching frequency of other than
the factory default setting, the compensation may need to
be adjusted and the ripple, noise, transient response and
efficiency may be affected.
SYNC Auto Detect
The NDM2Z-12 module will automatically check for a clock
signal on the SYNC pin after CTRL is asserted (or applying
input voltage to the module if CTRL is not used). If a clock
signal is present, the module will synchronize to the rising
edge of the external clock. The external clock signal must
be stable and conform to the “RECOMMENDED OPERATING
CONDITIONS” parameters when CTRL is asserted (or
applying input voltage to the module if CTRL is not used).
In the event of a loss of the external clock signal, the
output voltage of the module may show transient overshoot
or undershoot and the module will automatically configure
to switch at a frequency close to the previous incoming
frequency. If no incoming clock signal is present when CTRL
is asserted (or applying input voltage to the module if CTRL
is not used), the module will switch at the frequency set by
the configuration file.
CONTROL LOOP
Adaptive Loop Compensation
The NDM2Z-12 module employs automatic adaptive loop
compensation to increase the performance and stability of
the module over a wide range of conditions. The default
setting configures the module to re-compensate the control
loop every time the output voltage ramps to the regulated
level. PMBus commands can be used to configure when the
module re-compensates the loop.
The user also has the option to manually configure the loop
compensation.
Non-Linear Response (NLR) Settings
The NDM2Z-12 module incorporates a non-linear response
(NLR) loop that decreases the response time and the output
voltage deviation in the event of a sudden output load
current step. This implementation results in a higher
equivalent loop bandwidth than what would be possible
using a traditional linear loop. PMBus commands can be
used to configure the NLR response of the module.
Adaptive Diode Emulation
Please contact CUI technical support regarding the
implementation of adaptive diode emulation.
Adaptive Frequency Control
The NDM2Z-12 module includes adaptive frequency control
to improve conversion efficiency. Adaptive frequency control
is not available for current sharing groups and is not
allowed when the module is placed in auto-detect mode
and a clock source is present on the SYNC pin.
Adaptive frequency control is only available while the
module is operating within adaptive diode emulation mode.
Adaptive frequency control can be enabled and disabled
with PMBus commands.
MULTI-MODULE CONFIGURATION
Output Sequencing
Multiple device sequencing of NDM2Z-12 modules may
be achieved by issuing PMBus commands to assign the
preceding device in the sequencing chain as well as the
device that will follow in the sequencing chain. The CTRL
pins of all devices in a sequencing group must be tied
together and driven high to initiate a sequenced turn-on of
the group. CTRL must be driven low to initiate a sequenced
turnoff of the group.
For more information, please visit the product page.


Similar Part No. - NDM2Z-12V-AB

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-12V-AB

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com