Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

543945009500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 543945009500
Description  20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

543945009500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  543945009500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 543945009500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 543945009500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
543945 Coax - Surveillance and CCTV Applications
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
543945 0091000
RG-59/U COAX
1000
32
WHITE
C
543945 009500
RG-59/U COAX
500
16
WHITE
543945 009U1000
RG-59/U COAX
U1000
31
WHITE
543945 009U500
RG-59/U COAX
U500
16
WHITE
543945 0101000
RG-59/U COAX
1000
32
BLACK
C
543945 010500
RG-59/U COAX
500
16
BLACK
C
543945 010U1000
RG-59/U COAX
U1000
31
BLACK
543945 010U500
RG-59/U COAX
U500
16
BLACK
C = CRATE REEL PUT-UP.
Revision Number: 1
Revision Date: 09-29-2005
© Copyright 2006 Belden, Inc
All Rights Reserved.
Although Belden ("Belden") makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described
herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with the following environmental regulations: California Proposition 65 Consent Judgment
For Wire & Cable Mfgs.(San Francisco Superior Court Nos. 312962 And 320342); EU RoHS (Directive 2002/95/EC, 27-Jan-
2003);Material manufactured prior to the compliance date may still be in stock at Belden facilities and in our Distributor's inventory. EU
ELV (Directive 2000/53/EC, 18-Sept-2000); EU WEEE (Directive 2002/96/EC, 27-Jan-2003); And EU BFR (Directive 2003/11/EC, 6-Feb-
2003). The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the
Product Disclosure, is correct to the best of Belden's knowledge, information and belief at the date of its publication. The information
provided in the Product Disclosure is designed only as a general guide for the safe handling, storage, and any other operation of the product
itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification. Regulatory
information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations
based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3


Similar Part No. - 543945009500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
543945 ETC2-543945 Datasheet
359Kb / 5P
   Surveillance and CCTV Applications Shielded or Flooded for Use in Underground Ducts
logo
Festo Corporation.
543945 FESTO-543945 Datasheet
87Kb / 2P
   Mini slide
logo
Belden Inc.
543945 BELDEN-543945 Datasheet
154Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, CMG
05-16-2023
543945-0091000 BELDEN-543945-0091000 Datasheet
154Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, CMG
05-16-2023
543945-009500 BELDEN-543945-009500 Datasheet
154Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, CMG
05-16-2023
More results

Similar Description - 543945009500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346109 ETC2-1346109 Datasheet
99Kb / 3P
   18 AWG bare copper conductor, foam polyethylene insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
   23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345000 ETC2-1345000 Datasheet
98Kb / 3P
   22 AWG stranded (7x30) .030 bare copper conductor, foam polyethylene insulation
1348422 ETC2-1348422 Datasheet
98Kb / 3P
   Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
1345383 ETC2-1345383 Datasheet
105Kb / 4P
   20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1192A ETC2-1192A Datasheet
30Kb / 3P
   24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
1344804 ETC2-1344804 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com