Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27C256-45 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY27C256-45
Description  32K x 8-Bit CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27C256-45 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY27C256-45 Datasheet HTML 1Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 2Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 3Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 4Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 5Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 6Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 7Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 8Page - Cypress Semiconductor CY27C256-45 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY27C256
5
Erasure Characteristics
Wavelengths of light less than 4000 Å begin to erase the
27C256 in the windowed package. For this reason, an opaque
label should be placed over the window if the EPROM is ex-
posed to sunlight or fluorescent lighting for extended periods
of time.
The recommended dose of ultraviolet light for erasure is a
wavelength of 2537 Å for a minimum dose (UV intensity mul-
tiplied by exposure time) of 25 Wsec/cm2. For an ultraviolet
lamp with a 12 mW/cm2 power rating, the exposure time would
be approximately 35 minutes. The CY27C256 needs to be
within 1 inch of the lamp during erasure. Permanent damage
may result if the EPROM is exposed to high-intensity UV light
for an extended period of time. 7258 Wsec/cm2 is the recom-
mended maximum dosage.
Programming Modes
Programming support is available from Cypress as well as
from a number of third-party software vendors. For detailed
programming information, including a listing of software pack-
ages, please see the EPROM Programming Information locat-
ed at the end of this section. Programming algorithms can be
obtained from any Cypress representative.
Switching Waveform
tOH
tPU
tPD
tAA
27c256–8
(tOE)
tACE
50%
50%
A0 -A14
ADDRESS
ICC
SUPPLY
CURRENT
OE,CE
O0 -O7 PREVIOUS DATA VALID
DATA VALID
POWER–DOWN CONTROLLED BY CE
(tHZOE)
tHZCE
HIGH Z
Table 1. CY27C256 Mode Selection.
Mode
Pin Function[8]
A14-A0
OE
CE
VPP
O7-O0
Read
A14-A0
VIL
VIL
X[9]
O7-O0
Output Disable
A14-A0
VIH
VIL
X
High Z
Power Down
A14-A0
X
VIH
X
High Z
Notes:
8.
X can be VIL or VIH
9.
VPP should not exceed VCC in read mode.


Similar Part No. - CY27C256-45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120JC CYPRESS-CY27C128-120JC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120PC CYPRESS-CY27C128-120PC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120WC CYPRESS-CY27C128-120WC Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
CY27C128-120WMB CYPRESS-CY27C128-120WMB Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results

Similar Description - CY27C256-45

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com