Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1021
Description  64K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1021 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C1021
Document #: 38-05054 Rev. **
Page 3 of 9
AC Test Loads and Waveforms
1021-3
1021-4
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
< 3 ns
< 3 ns
OUTPUT
R 481
R 481
R2
255
R2
255
167
Equivalent to: THÉVENIN
EQUIVALENT
1.73V
30 pF
Switching Characteristics[5] Over the Operating Range
Parameter
Description
7C1021-10
7C1021-12
7C1021-15
7C1021-20
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
10
12
15
20
ns
tAA
Address to Data Valid
10
12
15
20
ns
tOHA
Data Hold from Address Change
3
3
3
3
ns
tACE
CE LOW to Data Valid
10
12
15
20
ns
tDOE
OE LOW to Data Valid
5
6
7
9
ns
tLZOE
OE LOW to Low Z[6]
0
0
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
5
6
7
9
ns
tLZCE
CE LOW to Low Z[6]
3
3
3
3
ns
tHZCE
CE HIGH to High Z[6, 7]
5
6
7
9
ns
tPU
CE LOW to Power-Up
0
0
0
0
ns
tPD
CE HIGH to Power-Down
10
12
15
20
ns
tDBE
Byte Enable to Data Valid
5
6
7
9
ns
tLZBE
Byte Enable to Low Z
0
0
0
0
ns
tHZBE
Byte Disable to High Z
5
6
7
9
ns
WRITE CYCLE[8]
tWC
Write Cycle Time
10
12
15
20
ns
tSCE
CE LOW to Write End
8
9
10
12
ns
tAW
Address Set-Up to Write End
7
8
10
12
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
7
8
10
12
ns
tSD
Data Set-Up to Write End
5
6
8
10
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tLZWE
WE HIGH to Low Z[6]
3
3
3
3
ns
tHZWE
WE LOW to High Z[6, 7]
5
6
7
9
ns
tBW
Byte Enable to End of Write
7
8
9
12
ns
Shaded areas contain preliminary information.
Notes:
5.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7.
tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
8.
The internal write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE / BLE LOW. CE, WE and BHE / BLE must be LOW to initiate a write,
and the transition of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.


Similar Part No. - CY7C1021

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10211B CYPRESS-CY7C10211B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211B-10VC CYPRESS-CY7C10211B-10VC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211B-10ZC CYPRESS-CY7C10211B-10ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211BL-10ZC CYPRESS-CY7C10211BL-10ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C10211BN-10ZXC CYPRESS-CY7C10211BN-10ZXC Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com