Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR305 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # FR305
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

FR305 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  FR305 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. FR305 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES FR301 THRU FR307
0.4
0.6
0.8
1.0
1.2
1.4
1.8
1.6
0
25
50
75
100
125
150
175
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
AMBIENT TEMPERATURE ( C)
°
T =25 C
J
°
FIG.4-TYPICAL JUNCTION CAPACITANCE
FIG.5-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SINGLE PHASE HALF WAVE 60H
RESISTIVE OR INDUCTIVE LOAD
Z
Pulse Width=300 s
1% Duty Cycle
μ
0.01
0.03
0.1
0.3
1
3
10
20
0
1
2
3
4
5
10
20
30
50
100
150
15
50
10
100
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
REVERSE VOLTAGE. (V)
1
2
6
4
0.1 0.2
0.4
1
4
210
40
20
100
10
60
40
20
80
T =25 C
J
°
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
22
-
SET TIME BASE FOR 50/100 ns/cm
1cm
trr
-0.25A
0
+0.5A
-1.0A
PULSE
GENERATOR
(NOTE2)
NONINDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NONINDUCTIVE
NONIN-
DUCTIVE
50Vdc
()
()
NOTES:1.Rise Time=7ns max. input lmpedance=1
megohm 22pF
2.Rise Time=10ns max. source lmpedance=
50 ohms
(ADJUSTABLE)
10Ω
50Ω


Similar Part No. - FR305

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR305 SY-FR305 Datasheet
260Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
FR305 WTE-FR305 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR305 YIXIN-FR305 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Taychipst Elec...
FR305 TAYCHIPST-FR305 Datasheet
812Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR305 LRC-FR305 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
More results

Similar Description - FR305

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com