Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER101 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # HER101
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

HER101 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  HER101 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. HER101 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES HER101 THRU HER108
0.001
0.01
0.1
1.0
100
10
0.01
0.1
1
0
20
10
30
50
40
10
0
20
0
40
60
80
100
120
140
15
50
10
100
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
T =25 C
J
°
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
T =25 C
J
°
T =100 C
J
°
T =150 C
J
°
1
2
6
4
0.1 0.2
0.4
1
4
210
40
20
100
10
60
40
100
20
200
FIG.6-TYPICAL JUNCTION CAPACITANCE
T =25 C
J
°
SINGLE PHASE HALF WAVE 60H
RESISTIVE OR INDUCTIVE LOAD
Z
Pulse Width=300 s
1% Duty Cycle
600\800\1000V
HER101-HER105
HER106-HER108
SET TIME BASE FOR 50/100 ns/cm
1cm
-0.25A
0
+0.5A
-1.0A
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
(NOTE2)
NONINDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NONINDUCTIVE
NONIN-
DUCTIVE
50
50Vdc
(APPROX)
10
1
(-)
(+)
Trr
NOTES:1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance=
50 ohms
50\100\200\300V
400 500V
\
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2


Similar Part No. - HER101

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER101 DIOTECH-HER101 Datasheet
830Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER101 DGNJDZ-HER101 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
PACELEADER INDUSTRIAL
HER101 PACELEADER-HER101 Datasheet
1Mb / 2P
   1.0AMP HIGH EFFICIENCY RECTIFIER- 50 to 1000 Volts2
More results

Similar Description - HER101

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com