Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6710S2PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6710S2PBF
Description  Ultra Low Package Inductance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6710S2PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6710S2PBF Datasheet HTML 1Page - International Rectifier IRF6710S2PBF Datasheet HTML 2Page - International Rectifier IRF6710S2PBF Datasheet HTML 3Page - International Rectifier IRF6710S2PBF Datasheet HTML 4Page - International Rectifier IRF6710S2PBF Datasheet HTML 5Page - International Rectifier IRF6710S2PBF Datasheet HTML 6Page - International Rectifier IRF6710S2PBF Datasheet HTML 7Page - International Rectifier IRF6710S2PBF Datasheet HTML 8Page - International Rectifier IRF6710S2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF6710S2TR/TR1PbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs.
Drain Current and Gate Voltage
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 12A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 175°C
2.5V
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
TJ = 175°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60µs PULSE WIDTH
0
20
40
60
80
100
ID, Drain Current (A)
0
5
10
15
20
25
30
TJ = 25°C
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 10V


Similar Part No. - IRF6710S2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6710S2PBF IRF-IRF6710S2PBF_15 Datasheet
307Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
More results

Similar Description - IRF6710S2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
   Ultra Low Inductance Capacitors
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
Cree, Inc
CAS325M12HM2 CREE-CAS325M12HM2 Datasheet
1Mb / 7P
   Ultra Low Loss, Low (5 nH) Inductance
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com