Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEA162450BT-2139A1 Datasheet(PDF) 1 Page - TDK Electronics

Part # DEA162450BT-2139A1
Description  Multilayer Chip Band Pass Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA162450BT-2139A1 Datasheet(HTML) 1 Page - TDK Electronics

  DEA162450BT-2139A1 Datasheet HTML 1Page - TDK Electronics DEA162450BT-2139A1 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
001-01 / 20130901 / rf_bpf_dea162450bt-2139a1_en.fm
• All specifications are subject to change without notice.
Multilayer Chip Band Pass Filters
For 2.4GHz W-LAN/Bluetooth
DEA Series DEA162450BT-2139A1
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERNS
ELECTRICAL CHARACTERISTICS
• Ta:+25°C
Item
Typical value
Frequency range(Pass band)
2400 to 2500MHz
2400 to 2500MHz
Insertion loss
[+25°C]
3.0dB max.
2.6dB
[–40 to +85°C]
VSWR
[2400 to 2500MHz]
2.32 max.
1.5
Attenuation
[869 to 894MHz]
34dB min.
42dB
[925 to 960MHz]
33dB min.
41dB
[1570 to 1580MHz]
30dB min.
39dB
[1710 to 1785MHz]
30dB min.
42dB
[1805 to 1850MHz]
30dB min.
45dB
[1930 to 1990MHz]
30dB min.
41dB
[2110 to 2170MHz]
25dB min.
30dB
Temperature range
Operating
–40 to +85°C
Storage
–40 to +85°C
Conformity to RoHS Directive
Dimensions in mm
1
IN
2
GND
3
OUT
Terminal functions
1.60
±0.15
0.5
±0.1
1
2
3
0.2min.
ø0.3 Through-hole
0.500
1.100
1.600
Line width be designed to match 50
Ω
characteristic impedance depending
on PCB material and thickness.
Land
Solder resist
No pattern and solder resist
Dimensions in mm
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and
specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - DEA162450BT-2139A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA162450BT-2169A4 TDK-DEA162450BT-2169A4 Datasheet
53Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2174A1 TDK-DEA162450BT-2174A1 Datasheet
70Kb / 6P
   Multilayer Band Pass Filter
DEA162450BT-2181D1 TDK-DEA162450BT-2181D1 Datasheet
70Kb / 6P
   Multilayer Band Pass Filter
More results

Similar Description - DEA162450BT-2139A1

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
   Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
   Multilayer Chip Band Pass Filters
DEA252450BT-2037C1 TDK-DEA252450BT-2037C1_16 Datasheet
51Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1210A1 TDK-DEA162450BT-1210A1 Datasheet
45Kb / 1P
   Multilayer Chip Band Pass Filters
DEA252450BT-2024C2 TDK-DEA252450BT-2024C2_16 Datasheet
50Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2169A4 TDK-DEA162450BT-2169A4 Datasheet
53Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1247C1 TDK-DEA162450BT-1247C1 Datasheet
46Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1262B1 TDK-DEA162450BT-1262B1 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com