Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73032-11 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY73032-11
Description  700 ??1000 MHz High Gain and Linearity Single Downconversion Mixer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73032-11 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY73032-11_09 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY73032-11_09 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATA SHEET • SKY73032-11 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200625E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 24. 2009
11
SKY73032
VCC
VCC
VCC
C7
33 pF
R2
0
Ω
J3
C10
33 pF
R3
0
Ω
J8
J2
Element Jumper
C5
33 pF
C6
12 pF
T2
1
2
3
4
6
L4
470 nH
L5
470 nH
C14
22 pF
J5
L2
8.2 nH
R4
0
Ω
S943
VCC_IFRF
RF
N/C
GND
GND
15
14
13
12
11
LO2
GND
GND
N/C
LO1
1
2
3
4
5
67
8
9
10
20
19
18
17
16
×
×
×
×
Notes: Values for all components are subject to change
for matching purposes.
Some component labels may be different than the
corresponding component symbol shown here.
Component values, however, are accurate as of the
date of this Data Sheet.
C1
0
Ω
C3
2.7 pF
VCC
C20
1
μF
J4
C2
15 nH
R1
0
Ω
R6
0
Ω
R8
DNI
L1
3.3 pF
R7
DNI
Figure 22. SKY73032-11 Evaluation Board Schematic


Similar Part No. - SKY73032-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73032-11 SKYWORKS-SKY73032-11 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results

Similar Description - SKY73032-11_09

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73022-11 SKYWORKS-SKY73022-11_09 Datasheet
344Kb / 17P
   700 ??1000 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73070 SKYWORKS-SKY73070 Datasheet
230Kb / 13P
   700 - 1000 MHz High Gain and Linearity Single
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73084-11 SKYWORKS-SKY73084-11 Datasheet
362Kb / 16P
   300 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73086 SKYWORKS-SKY73086 Datasheet
380Kb / 12P
   650 - 900 MHz High Gain and Linearity Diversity Downconversion Mixer
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73033 SKYWORKS-SKY73033 Datasheet
429Kb / 11P
   1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73035 SKYWORKS-SKY73035 Datasheet
413Kb / 10P
   2300 - 2700 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com