Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-40 Datasheet(PDF) 3 Page - CUI INC

Part # SD-40
Description  STANDARD DIN CONNECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-40 Datasheet(HTML) 3 Page - CUI INC

  SD-40 Datasheet HTML 1Page - CUI INC SD-40 Datasheet HTML 2Page - CUI INC SD-40 Datasheet HTML 3Page - CUI INC SD-40 Datasheet HTML 4Page - CUI INC SD-40 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
04/12/2012 │ page 3 of 5
CUI Inc
│ SERIES: SD │ DESCRIPTION: STANDARD DIN CONNECTOR
45°
0.9 0.035
2.00 0.079
41°
6.5 0.256
0.3
0.059
(8 PLCS)
1.5
16.0
0.3
0.630
13.2 0.520
8.3 0.327
59.0 2.323
1.0
8.8 0.35
50.1 1.97
9.2 0.36
15.9 0.63
13.2 0.52
2.5
0.10
4.5
2.5 0.10
0.30
7.5
0.10
2.5
0.18
0.78 0.03
0.02
(13 PLCS)
units: mm[inches]
TOLERANCE: ±0.1mm
SD-81
SD-130
For more information, please visit the product page.


Similar Part No. - SD-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-40 CUI-SD-40 Datasheet
316Kb / 5P
   SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-40 CUI-SD-40 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
KODENSHI_AUK CORP.
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
logo
Molex Electronics Ltd.
SD-4030-0001 MOLEX-SD-4030-0001 Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
SD-4030-0001 MOLEX-SD-4030-0001 Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
More results

Similar Description - SD-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com