Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-30 Datasheet(PDF) 2 Page - CUI INC

Part # SD-30
Description  STANDARD DIN CONNECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-30 Datasheet(HTML) 2 Page - CUI INC

  SD-30 Datasheet HTML 1Page - CUI INC SD-30 Datasheet HTML 2Page - CUI INC SD-30 Datasheet HTML 3Page - CUI INC SD-30 Datasheet HTML 4Page - CUI INC SD-30 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
04/12/2012 │ page 2 of 5
CUI Inc
│ SERIES: SD │ DESCRIPTION: STANDARD DIN CONNECTOR
0.9 0.035
2.0 0.079
9.0 0.354
50.6 1.992
0.2
6.5 0.256
0.15
0.059
1.5
(TYP)
0.622
15.8
13.1 0.516
0.15
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.1mm
MATERIAL
PLATING
contact pins (30~80)
brass
nickel
contact pins (81, 130)
brass
silver
shell
steel
nickel
insulator (30~80, 130)
PBT
insulator (81)
ABS
boot
EVA
60°
45°
0.9
45°
60°
72°
90°
SD-30
SD-50
SD-51
SD-60
SD-70
SD-80
SD-40
For more information, please visit the product page.


Similar Part No. - SD-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-30 CUI-SD-30 Datasheet
316Kb / 5P
   SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-30 CUI-SD-30 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
KODENSHI_AUK CORP.
SD-303 KODENSHI-SD-303 Datasheet
234Kb / 2P
   Position Sensitive Diodes
logo
Molex Electronics Ltd.
SD-30453-1200 MOLEX4-SD-30453-1200 Datasheet
214Kb / 3P
   2.00mm (.079") Pitch Cable Holder
SD-30490-1002 MOLEX4-SD-30490-1002 Datasheet
177Kb / 4P
   Mini-Fit짰 Grounding Pin 30490
More results

Similar Description - SD-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com