Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39142B1675B510 Datasheet(PDF) 5 Page - TDK Electronics

Part No. B39142B1675B510
Description  SAW Components SAW RF low loss filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39142B1675B510 Datasheet(HTML) 5 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
December 10, 2012
B1675
1420.0 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network (element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
Transfer function Sdd21
V
machine model, 1 pulse
Input power at
1390.0... 1450.0 MHz
PIN
0
dBm
source impedance 150
Lp1 = 18 nH
Lp2 = 20 nH
Lp1
Lp2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn