Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39142B1675B510 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39142B1675B510
Description  SAW Components SAW RF low loss filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39142B1675B510 Datasheet(HTML) 4 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
December 10, 2012
B1675
1420.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Characteristics
Temperature range for specification:
T
=
–40 ˚C to +85 ˚C
Terminating source impedance:
ZS =150 Ω (balanced) and matching network
Terminating load impedance:
ZL =150 Ω (balanced) and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
1420.0
MHz
Maximum insertion attenuation
α
max
1390.0
... 1450.0
MHz
4.6
5.5
dB
Pass bandwidth
α
rel < 1.5 dB
B1.5 dB
68.0
MHz
Amplitude ripple (p-p)
∆α
1390.0
... 1450.0
MHz
1.6
2.5
dB
Input return loss
7.4
10.0
dB
Output return loss
7.4
11.0
dB
Group delay ripple (p-p)
∆τ
1390.0
... 1450.0
MHz
20.0
40.0
ns
CMDR
1390.0
... 1450.0
MHz
20.0
27.0
dB
Deviation from linear phase (rms)
in any 30 MHz band
1390.0
... 1450.0
MHz
4.0
6.0
˚
Attenuation
α
50.0
... 1320.0
MHz
40
44
dB
1530.0
... 3000.0
MHz
40
44
dB
3000.0
... 6000.0
MHz
30
49
dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn