Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA16846 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TDA16846
Description  ICs for Consumer Electronics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TDA16846 Datasheet HTML 19Page - Infineon Technologies AG TDA16846 Datasheet HTML 20Page - Infineon Technologies AG TDA16846 Datasheet HTML 21Page - Infineon Technologies AG TDA16846 Datasheet HTML 22Page - Infineon Technologies AG TDA16846 Datasheet HTML 23Page - Infineon Technologies AG TDA16846 Datasheet HTML 24Page - Infineon Technologies AG TDA16846 Datasheet HTML 25Page - Infineon Technologies AG TDA16846 Datasheet HTML 26Page - Infineon Technologies AG TDA16846 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
TDA 16846
TDA 16847
Data Sheet
23
2000-01-14
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
Fault Comparator FC2 (Pin 6)
HPC Threshold
V
6
1.12
1.2
1.28
V
Bias Current Pin 6
–– 1.0
– 0.3
0.1
µA
Fault Comparator FC1 (Pin 10)
Threshold
V
10
0.95
1
1.06
V
Bias current Pin 10
0.48
0.9
1.2
µA
Power Measurement Output PMO (Pin 8, only TDA 16847)
Charge current Pin 8
I
8
– 110 – 100 – 90
µA
I
9 = – 100 µA
Output Driver OD (Pin 13)
Output voltage low state
V
13
low
1.1
1.8
2.4
V
I
13 = 100 mA
Output voltage high state
V
13
high
9.2
10
11
V
I
13 = – 100 mA
Output voltage during low
supply voltage
V
13
aclow
0.8
1.8
2.5
V
I
13 = – 10 mA,
V
14 increasing:
0 <
V
14 < V14
ON
V
14 decreasing:
0<
V
14 < V14
OFF
Rise time
70
110
180
ns
C
13 = 10 nF,
V
13 =2 … 8V
Fall time
30
50
80
ns
C
13 = 10 nF,
V
13 =2 … 8V
5.2
Characteristics (cont’d)
Unless otherwise stated, – 25
°C< T
j <125 °C, VCC =12 V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Similar Part No. - TDA16846

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846 INFINEON-TDA16846_03 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
More results

Similar Description - TDA16846

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com