Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS3002 Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 22Page - Texas Instruments TAS3002 Datasheet HTML 23Page - Texas Instruments TAS3002 Datasheet HTML 24Page - Texas Instruments TAS3002 Datasheet HTML 25Page - Texas Instruments TAS3002 Datasheet HTML 26Page - Texas Instruments TAS3002 Datasheet HTML 27Page - Texas Instruments TAS3002 Datasheet HTML 28Page - Texas Instruments TAS3002 Datasheet HTML 29Page - Texas Instruments TAS3002 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
4–2
SDIN2_L
7 Biquad
Filters
Tone
Soft
Volume
DRCE
SDIN1_L
ADC_L
SDOUT1
7 Biquad
Filters
Tone
Soft
Volume
DRCE
SDIN2_R
SDIN1_R
ADC_R
SDOUT2
1/2
L + R_SUM
Right Channel Mix Coefficients
I2C Register Address 07h
SDIN1 ^ SDIN2 ^ ADC
= (3) 24-Bit Right Mix Coefficient
Left Channel Mix Coefficients
I2C Register Address 08h
= (3) 24-Bit Left Mix Coefficient
SDIN1 ^ SDIN2 ^ ADC
1/2
L_SUM
R_SUM
Figure 4–1. TAS3002 Mixer Function
4.4
Mono Mixer Control
The TAS3002 device contains a second mixer that performs the function of mixing left and right channel digital audio
data from the input mixer in order to derive a monaural channel. This mixer has a fixed gain of –6 dB so that full scale
inputs on L_sum and R_sum do not produce clipping on the resulting L+R_sum.
The output of this mixer is present on terminal 24 (SDOUT2) and is generally used for a digitally-mixed subwoofer
or center channel application.
4.5
Treble Control
The treble gain level may be adjusted within the range of 15 dB to –15 dB with 0.5-dB step resolution. The level
changes are accomplished by downloading treble codes (shown in Table A–6) into the treble gain register.
Alternatively, a limited range of treble control is available by asserting the treble-up or treble-down GPI terminal (see
Section 7.6.1).
The treble control has a corner frequency of 6 kHz at a 48-kHz sample rate.
The gain values for treble control can be found in Section A.4.


Similar Part No. - TAS3002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI1-TAS3002 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFB TI1-TAS3002PFB Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBG4 TI1-TAS3002PFBG4 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBR TI1-TAS3002PFBR Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBRG4 TI1-TAS3002PFBRG4 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
More results

Similar Description - TAS3002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3004PFB TI-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   Digital Auido Processor With Codec
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4601VQ AKM-AK4601VQ Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
AK4601 AKM-AK4601 Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
logo
Integrated Circuit Syst...
ICS2002 ICST-ICS2002 Datasheet
550Kb / 21P
   Wavedec Digital Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com