Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS3002 Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 38Page - Texas Instruments TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments TAS3002 Datasheet HTML 41Page - Texas Instruments TAS3002 Datasheet HTML 42Page - Texas Instruments TAS3002 Datasheet HTML 43Page - Texas Instruments TAS3002 Datasheet HTML 44Page - Texas Instruments TAS3002 Datasheet HTML 45Page - Texas Instruments TAS3002 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
7–2
Clears all the registers in the circuits
Purges the codec
Selects analog input A (RINA and LINA) and sets the input A active indicator (INPA) low
Initializes the equalization parameters to AllPass filters
Sets the digital audio interface to the I2S 18-bit mode
Sets the bass/treble to 0 dB
Sets the mixer gain to 0 dB SDIN1 and mutes both SDIN2 and analog-in
Sets the volume to –40 dB
Turns off all enhancement features (DRCE, etc.)
Reads the I2C address. If the address is 68h, the device reads its EEPROM. It is possible to load the
user-defined bass/treble data and break points (optional). If there is no data, the device loads default
bass/treble delta and break points from ROM.
If the address is 6Ah, the device puts the I2C interface in slave mode and waits for input.
7.2.3
Reset Circuit
Because the TAS3002 device has an internal power-on reset (POR), in many cases, additional components are not
needed to reset the device. It resets internally at approximately 80% of VDD.
In the case where the system power supplies are slow in reaching their final voltage or where there is a difference
in the time the system power supplies take to become stable, the TAS3002 reset can be delayed by a simple RC
circuit.
0.1
µF
DVDD
6
TAS3002
RESET
10 k
DVSS
Figure 7–1. TAS3002 Reset Circuit
The reset delay for the above circuit can be calculated by the simple equation:
trd = 0.8RC + 400 µs
Where:
trd = The delay before the TAS3002 device comes out of reset
C = Value of the capacitance from RESET (pin 6) to DVSS
R = Value of the resistance from RESET (pin 6) to DVDD
The circuit described in Figure 7–1 delays the start-up of the TAS3002 device approximately 1.2 ms.
When it is necessary to control the reset of the TAS3002 device with an external device, such as a microcontroller,
RESET (pin 6) can be treated as a logic signal. It then brings the device out of reset when the voltage on RESET
reaches VDD/2.
7.2.4
Fast Load Mode
While in fast load mode—FL bit (bit 7 of main control register 1) = 0—it is possible to update the parametric
equalization without any audio processing delay. The audio processor pauses while the RAM is updated in this mode.


Similar Part No. - TAS3002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI1-TAS3002 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFB TI1-TAS3002PFB Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBG4 TI1-TAS3002PFBG4 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBR TI1-TAS3002PFBR Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBRG4 TI1-TAS3002PFBRG4 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
More results

Similar Description - TAS3002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3004PFB TI-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   Digital Auido Processor With Codec
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4601VQ AKM-AK4601VQ Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
AK4601 AKM-AK4601 Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
logo
Integrated Circuit Syst...
ICS2002 ICST-ICS2002 Datasheet
550Kb / 21P
   Wavedec Digital Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com