Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS3002 Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 37Page - Texas Instruments TAS3002 Datasheet HTML 38Page - Texas Instruments TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments TAS3002 Datasheet HTML 41Page - Texas Instruments TAS3002 Datasheet HTML 42Page - Texas Instruments TAS3002 Datasheet HTML 43Page - Texas Instruments TAS3002 Datasheet HTML 44Page - Texas Instruments TAS3002 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
7–1
7 Microcontroller Operation
The TAS3002 device contains an internal microcontroller programmed by Texas Instruments to perform
housekeeping and interface functions. Additionally, it handles I2C communication and general purpose input
functions.
7.1
General Description
The microcontroller uses a 256fS system clock and can access up to 8K bytes of memory. It interfaces with the digital
audio interface I2C master/slave for downloading data and coefficients. It also interfaces with two internal DSPs for
transferring coefficients and other information.
The TAS3002 coefficients are loaded through I2C in the master or slave mode. Standard audio processing functions
(volume, bass, and treble) can be controlled/activated through external switches connected to the six GPI terminals.
Upon reset, the internal microcontroller sets all coefficients and audio parameters to the default values. See
Section 7.2.2 for default values.
If the TAS3002 address is 68h (ADDR_SEL=0), it becomes the bus master device and attempts to load parameters
and coefficients from the external EEPROM. If no EEPROM is present, the TAS3002 device remains in its default
condition. If addresses other than 68h/69h are set, the TAS3002 device only operates as an I2C slave device.
If the microcontroller determines the TAS3002 device has an I2C address of 68h/69h and the EEPROM is present,
the microcontroller downloads coefficients from the EEPROM. Once the download is complete, it enables the serial
audio in the mode defined by an I2C write to the MCR to transfer data into and out of the device. Before reading the
EEPROM, the serial audio port defaults to I2S mode.
The TAS3002 device allows the user to update volume, bass, and treble dynamically by an I2C slave command or
by a simple GPI input. The GPI can select volume up and down, bass/treble up and down, or digital equalizations.
Up to five different equalizations (that is, flat, jazz, rock, voice, etc.) can be stored in the external EEPROM. Also,
DRCE, MCR1, MCR2, and loudness contour are enabled and disabled by I2C.
When the TAS3002 device operates in the I2C master mode, it echoes changes to all of its functions to other I2C
addresses that are defined in its external EEPROM. If no addresses are defined, it does not echo.
7.2
Power-Up/Power-Down Reset
7.2.1
Power-Up Sequence
An active low on terminal 6 (RESET) while MCLK is running resets the internal microcontroller and DSPs. RESET
synchronizes internally and can be asserted asynchronously or with the simple RC circuit in Figure 7–1. On reset,
SCL and SDA go to a high-impedance state. If the I2C address is set to 68h, approximately 400
µs after RESET
returns to a 1, the device sends a one-byte query via I2C to look for an EEPROM. If an EEPROM is found, the TAS3002
becomes an I2C master; otherwise, it becomes an I2C slave. When using address 68h in the slave mode, an external
master must wait until after the EEPROM query or else bus contention and improper operation occur.
I2C address x6Ah does not query the bus for an EEPROM. The address for the EEPROM is A0h.
7.2.2
Reset
The TAS3002 device has an asynchronous reset terminal (RESET). This reset is synchronized with various clocks
used in this device to generate a synchronous internal reset. Upon reset, the TAS3002 device goes through the
following process:
Clears all the RAM memory content


Similar Part No. - TAS3002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI1-TAS3002 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFB TI1-TAS3002PFB Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBG4 TI1-TAS3002PFBG4 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBR TI1-TAS3002PFBR Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002PFBRG4 TI1-TAS3002PFBRG4 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
More results

Similar Description - TAS3002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3002 TI1-TAS3002_14 Datasheet
289Kb / 55P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3004PFB TI-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   Digital Auido Processor With Codec
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4601VQ AKM-AK4601VQ Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
AK4601 AKM-AK4601 Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
logo
Integrated Circuit Syst...
ICS2002 ICST-ICS2002 Datasheet
550Kb / 21P
   Wavedec Digital Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com