Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPE-6080 Datasheet(PDF) 1 Page - CUI INC

Part # CPE-6080
Description  PIEZO AUDIO TRANSDUCER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-6080 Datasheet(HTML) 1 Page - CUI INC

  CPE-6080 Datasheet HTML 1Page - CUI INC CPE-6080 Datasheet HTML 2Page - CUI INC CPE-6080 Datasheet HTML 3Page - CUI INC CPE-6080 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date
page
PART NUMBER:
DESCRIPTION:
06/2010
1 of 4
PIEZO AUDIO TRANSDUCER
CPE-6080
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating voltage
50
V p-p
current consumption
at 10 V p-p, square wave, 800 Hz
10
mA
sound pressure level
at 10 cm / 10 V p-p, square wave, 800 Hz
80
dB
electrostatic capacity
at 120 Hz, 1 V
49,000
70,000
91,000
pF
operating temperature
-30
80
°C
storage temperature
-40
80
°C
dimenstions
ø60.8 x H14.0 mm
weight
12
g
material
PA-777D (black)
terminal
wire type
RoHS
yes
red
black
±0.5mm UNLESS OTHERWISE
SPECIFIED
TOLERANCE:
51.5
1.732
44.0
2.028
5.0 0.197
2.0
0.157
4.0
14.0 0.551
60.8 2.394
135.0 5.315
5.0
APPEARANCE DRAWING
For more information, please visit the product page.


Similar Part No. - CPE-6080

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-6080 CUI-CPE-6080 Datasheet
342Kb / 3P
   PIEZO BUZZER TRANSDUCER
04/28/2020
logo
CUI Devices
CPE-6080 CUID-CPE-6080 Datasheet
284Kb / 3P
   PIEZO BUZZER TRANSDUCER
06/01/2023
logo
CUI INC
CPE-6080 CUI-CPE-6080_V01 Datasheet
342Kb / 3P
   PIEZO BUZZER TRANSDUCER
04/28/2020
More results

Similar Description - CPE-6080

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-1785 CUI-CPE-1785 Datasheet
179Kb / 4P
   PIEZO AUDIO TRANSDUCER
CPE-827 CUI-CPE-827 Datasheet
225Kb / 5P
   piezo audio transducer
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
   piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
   piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
   piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
   piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
   piezo audio transducer
CEP-1108 CUI-CEP-1108 Datasheet
1Mb / 5P
   piezo audio transducer
CEP-1160 CUI-CEP-1160 Datasheet
247Kb / 4P
   piezo audio transducer
CPE-502 CUI-CPE-502 Datasheet
279Kb / 5P
   piezo audio transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com