Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK24X7R2A103K Datasheet(PDF) 5 Page - TDK Electronics

Part # FK24X7R2A103K
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK24X7R2A103K Datasheet(HTML) 5 Page - TDK Electronics

  FK24X7R2A103K Datasheet HTML 1Page - TDK Electronics FK24X7R2A103K Datasheet HTML 2Page - TDK Electronics FK24X7R2A103K Datasheet HTML 3Page - TDK Electronics FK24X7R2A103K Datasheet HTML 4Page - TDK Electronics FK24X7R2A103K Datasheet HTML 5Page - TDK Electronics FK24X7R2A103K Datasheet HTML 6Page - TDK Electronics FK24X7R2A103K Datasheet HTML 7Page - TDK Electronics FK24X7R2A103K Datasheet HTML 8Page - TDK Electronics FK24X7R2A103K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
(5/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
FK20 AND FK11 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 50V
FK22 TYPE
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK20 type
FK11 type
C0G
22000pF
±5%
50
FK20C0G1H223J
FK11C0G1H223J
C0G
33000pF
±5%
50
FK20C0G1H333J
FK11C0G1H333J
C0G
47000pF
±5%
50
FK20C0G1H473J
FK11C0G1H473J
C0G
68000pF
±5%
50
FK20C0G1H683J
FK11C0G1H683J
C0G
0.1μF
±5%
50
FK20C0G1H104J
FK11C0G1H104J
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK22 type
C0G
0.15μF
±5%
50
FK22C0G1H154J
C0G
0.22μF
±5%
50
FK22C0G1H224J
5.5max.
5.5max.
5.0
±1.0
4.0max.
4.0max.
Dimensions in mm
FK20
FK11
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03
7.5max.
5.0
±1.0
4.0max.
Dimensions in mm
ø0.5
+0.1
–0.03


Similar Part No. - FK24X7R2A103K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK24X7R2A103K TDK-FK24X7R2A103K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK24X7R2A103K TDK-FK24X7R2A103K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
More results

Similar Description - FK24X7R2A103K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com