Electronic Components Datasheet Search |
|
FK28X7R2A682K Datasheet(PDF) 2 Page - TDK Electronics |
|
FK28X7R2A682K Datasheet(HTML) 2 Page - TDK Electronics |
2 / 22 page (2/22) 20151209 / leadmlcc_conventional_fk_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. CAPACITORS Capacitor with Multi-layer Lead Commercial Grade FEATURES • High capacitance has been achieved through improvements in the thinning process of ceramic dielectric layers and multi-layer lamination technology. • High reliability is maintained under specified environmental conditions. • Low residual inductance and excellent frequency characteristics has been achieved. • The leads are formed with a "kink" to achieve consistent insertion heights and facilitate the release of gases during soldering for dramatically improved solderability. • Taping specifications are available for automatic insertions, which contribute to reduce on-board costs. PRODUCT IDENTIFICATION (1) Series name (2) Dimensions and shapes of lead wire Dimensions in mm (3) Capacitance temperature characteristics Class 1 (Temperature compensation) Class 2 (Temperature stable and general purpose) (4) Rated voltage Edc (5) Nominal capacitance The capacitance is expressed in three digit codes and in units of pico farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. (6) Capacitance tolerance (7) TDK internal code Overview of the FK General (Up to 50V) Series Product compatible with RoHS directive FK 28 C0G 1H 101 J (1) (2) (3) (4) (5) (6) (7) Type L max. W max. T max. F ød Fig 28 4.0 5.5 2.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 24 4.5 5.5 2.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 26 5.5 6.0 3.5 5.0±1.0 7±2 0.5+0.1,–0.03 1 20 5.5 7.0 4.0 5.0±1.0 7±2 0.5+0.1,–0.03 1 22 7.5 8.0 4.0 5.0±1.0 7±2 0.5+0.1,–0.03 1 18 4.0 5.5 2.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 14 4.5 5.5 2.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 16 5.5 6.0 3.5 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 11 5.5 7.0 4.0 2.5±0.8 5+3,–1 0.5+0.1,–0.03 2 Temperature characteristics Capacitance change Temperature range C0G 0±30ppm/°C –55 to +125°C Temperature characteristics Capacitance change Temperature range X7R ±15% –55 to +125°C X5R ±15% –55 to +85°C X7S ±22% –55 to +125°C L F Fig.1 ød L T F Fig.2 ød 0J 6.3V 1A 10V 1C 16V 1E 25V 1H 50V 0R5 0.5pF 010 1pF 100 10pF 102 1,000pF Symbol Tolerance Applicable capacitance range C ±0.25pF 10pF max. D ±0.5pF J±5% Over 10pF K ±10% M ±20% • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2011/65/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
Similar Part No. - FK28X7R2A682K |
|
Similar Description - FK28X7R2A682K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |