Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN1201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. RN1201
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN1201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN1201~RN1206
2001-06-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1201,RN1202,RN1203,RN1204,RN1205,RN1206
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors.
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN2201~2206
Equivalent Circuit and Bias Resistor Values
Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1201~1206
VCEO
50
V
RN1201~1204
10
Emitter-base voltage
RN1205, 1206
VEBO
5
V
Collector current
Ic
100
mA
Collector power dissipation
Pc
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1201~1206
Tstg
−55~150
°C
JEDEC
EIAJ
TOSHIBA
2-4E1A
Weight: 0.13g
Type No.
R1 (kΩ)R2 (kΩ)
RN1201
4.7
4.7
RN1202
10
10
RN1203
22
22
RN1204
47
47
RN1205
2.2
47
RN1206
4.7
47
Unit: mm


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn