Electronic Components Datasheet Search |
|
PA7540PI-15 Datasheet(PDF) 4 Page - Anachip Corp |
|
PA7540PI-15 Datasheet(HTML) 4 Page - Anachip Corp |
4 / 10 page 4 04-02-051B I/O with independent output enable I/O Q D Input with optional register/latch A B C D 1 2 OE DQ 08-14-008A Figure 8. LCC & IOC With Two Outputs Global Cells The global cells, shown in Figure 9, are used to direct global clock signals and/or control terms to the LCCs and IOCs. The global cells allow a clock to be selected from the CLK1 pin, CLK2 pin, or a product term from the logic array (PCLK). They also provide polarity control for IOC clocks enabling rising or falling clock edges for input registers/latches. Note that each individual LCC clock has its own polarity control. The global cell includes sum-of- products control terms for global reset and preset, and a fast product term control for LCC register-type, used to save product terms for loadable counters and state machines (see Figure 10). The PA7540 provides two global cells that divides the LCC and IOCs into two groups, A and B. Half of the LCCs and IOCs use global cell A, half use global cell B. This means, for instance, two high-speed global clocks can be used among the LCCs. Global Cell: LCC & IOC MUX MUX CLK1 CLK2 PCLK Reg-Type Preset Reset LCC Resets LCC Presets LCC Reg-Type IOC Clocks LCC Clocks Group A & B 08-14-009A Figure 9. Global Cells R e g ister T yp e C h ang e F eatu re G lobal Cell can dynamically change user- selected LCC registers from D to T or from D to JK. This saves product terms for loadable counters or state machines. Use as D register to load, use as T or JK to count. Timing allows dynamic operation. T R P Q D R P Q Reg-T ype from Global Cell E x am p le: Product terms for 10 bit loadable binary counter D uses 57 product terms (47 count, 10 load) T uses 30 product terms (10 count, 20 load) D/T uses 20 product terms (10 count, 10 load) 08-14-010A Figure 10. Register Type Change Feature PEEL™ Array Development Support Development support for PEEL™ Arrays is provided by Anachip and manufacturers of popular development tools. Anachip offers the powerful WinPLACE Development Software (free to qualified PLD designers). The PLACE software includes an architectural editor, logic compiler, waveform simulator, documentation utility and a programmer interface. The PLACE editor graphically illustrates and controls the PEEL™ Array’s architecture, making the overall design easy to understand, while allowing the effectiveness of boolean logic equations, state machine design and truth table entry. The PLACE compiler performs logic transformation and reduction, making it possible to specify equations in almost any fashion and fit the most logic possible in every design. PLACE also provides a multi-level logic simulator allowing external and internal signals to be simulated and analyzed via a waveform display.(See Figures 10a-c) PEEL™ Array development is also supported by popular development tools, such as ABEL via Anachip’s PEEL™ Array fitters. A special smart translator utility adds the capability to directly convert JEDEC files for other devices into equivalent JEDEC files for pin-compatible PEEL™ Arrays. Programming PEEL™ Arrays are EE-reprogrammable in all package types, plastic-DIP, PLCC and SOIC. This makes them an ideal development vehicle for the lab. EE - reprogrammability is also useful for production, allowing unexpected changes to be made quickly and without |
Similar Part No. - PA7540PI-15 |
|
Similar Description - PA7540PI-15 |