Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9121 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part No. PS9121
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALMIRCO [California Micro Devices Corp]
Homepage  http://www.calmicro.com
Logo 

PS9121 Datasheet(HTML) 3 Page - California Micro Devices Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ORDERING INFORMATION
Part Number
Package
Packing Style
Application Part
Number *1
PS9121
5-pin SOP
20 pcs (Tape 20 pcs cut)
PS9121
PS9121-F3
Embossed Tape 2 500 pcs/reel
PS9121-F4
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current*1
IF
30
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation *2
PC
40
mW
Isolation Voltage *3
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
40 to +85
°
C
Storage Temperature
Tstg
55 to +125
°
C
*1 Reduced to 0.3 mA/°C at TA = 25°C or more.
*2 Applies to output pin VO. Reduced to 1.5 mW/°C at TA = 65°C or more.
*3 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Input Voltage
VFL
0
0.8
V
High Level Input Current
IFH
6.3
10
12.5
mA
Supply Voltage
VCC
2.7
3.6
V
TTL (RL = 1 kΩ, loads)
N
5
Pull-up resistor
RL
330
4 k
PS9121


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn