Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PS9121 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part No. PS9121
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALMIRCO [California Micro Devices Corp]
Homepage  http://www.calmicro.com
Logo 

PS9121 Datasheet(HTML) 1 Page - California Micro Devices Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY DATA SHEET
PS9121
NEC’s HIGH CMR, 10 Mbps
OPEN COLLECTOR OUTPUT TYPE
5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
DESCRIPTION
The PS9121 is an optically coupled high-speed, isolator containing a GaAlAs LED on the input side and a
photodiode and a signal processing circuit on the output side on one chip.
PS9121 is specified high CMR, high CTR and pulse width distortion with operating temperature.
FEATURES
• Low Power Consumption (VCC :3.3V)
• Extended Vcc Operating Range to 5.5 V, Typical Performance Data included for reference
• High common mode transient immunity (CMH, CML = ±20 kV/µs TYP.)
• Pulse width distortion (| tPHL − tPLH| = 35 ns MIN.)
• High-speed (10 Mbps)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Open collector output
• Ordering number of taping product: PS9121-F3, F4: 2 500 pcs/reel
APPLICATIONS
• Measurement equipment
• PDP
• FA Network
California Eastern Laboratories


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn