Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9121 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part No. PS9121
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALMIRCO [California Micro Devices Corp]
Homepage  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PS9121 Datasheet(HTML) 5 Page - California Micro Devices Corp

  PS9121 Datasheet HTML 1Page - California Micro Devices Corp PS9121 Datasheet HTML 2Page - California Micro Devices Corp PS9121 Datasheet HTML 3Page - California Micro Devices Corp PS9121 Datasheet HTML 4Page - California Micro Devices Corp PS9121 Datasheet HTML 5Page - California Micro Devices Corp PS9121 Datasheet HTML 6Page - California Micro Devices Corp PS9121 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
*1 Typical values at TA = 25°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.
*3 Test circuit for propagation delay time
Pulse input (IF)
47 Ω
(PW = 1 s,
Duty cycle = 1/10)
µ
RL = 350 Ω
VO (Monitor)
VCC = 3.3 V
Input
(Monitor)
0.1 F
µ
CL = 15 pF
Input
Output
tPHL
tPLH
(IF = 7.5 mA)
50%
1.5 V
VOL
90%
10%
1 kV
VOH
0 V
2 V
0.8 V
VOL
VCM
tr
tf
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
RL = 350 Ω
CL = 15 pF
VO (Monitor)
VCC = 3.3 V
0.1 F
µ
VCM
SW IF
Remark CL includes probe and stray wiring capacitance.
*4 Test circuit for common mode transient immunity
Remark CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1 μF is used between VCC and GND near device. Also, ensure that the distance between
the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
PS9121


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn