Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK18C0G2E121J Datasheet(PDF) 2 Page - TDK Electronics

Part # FK18C0G2E121J
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK18C0G2E121J Datasheet(HTML) 2 Page - TDK Electronics

  FK18C0G2E121J Datasheet HTML 1Page - TDK Electronics FK18C0G2E121J Datasheet HTML 2Page - TDK Electronics FK18C0G2E121J Datasheet HTML 3Page - TDK Electronics FK18C0G2E121J Datasheet HTML 4Page - TDK Electronics FK18C0G2E121J Datasheet HTML 5Page - TDK Electronics FK18C0G2E121J Datasheet HTML 6Page - TDK Electronics FK18C0G2E121J Datasheet HTML 7Page - TDK Electronics FK18C0G2E121J Datasheet HTML 8Page - TDK Electronics FK18C0G2E121J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
(2/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Capacitor with Multi-layer Lead
Commercial Grade
FEATURES
• High capacitance has been achieved through improvements in
the thinning process of ceramic dielectric layers and multi-layer
lamination technology.
• High reliability is maintained under specified environmental
conditions.
• Low residual inductance and excellent frequency characteristics
has been achieved.
• The leads are formed with a "kink" to achieve consistent
insertion heights and facilitate the release of gases during
soldering for dramatically improved solderability.
• Taping specifications are available for automatic insertions,
which contribute to reduce on-board costs.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions and shapes of lead wire
Dimensions in mm
(3) Capacitance temperature characteristics
Class 1 (Temperature compensation)
Class 2 (Temperature stable and general purpose)
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
(6) Capacitance tolerance
(7) TDK internal code
Overview of the FK General (Up to 50V) Series
Product compatible with RoHS directive
FK 28 C0G 1H 101 J
(1) (2)
(3)
(4) (5) (6)
(7)
Type L max. W max. T max. F
ød
Fig
28
4.0
5.5
2.5
5.0±1.0
7±2
0.5+0.1,–0.03
1
24
4.5
5.5
2.5
5.0±1.0
7±2
0.5+0.1,–0.03
1
26
5.5
6.0
3.5
5.0±1.0
7±2
0.5+0.1,–0.03
1
20
5.5
7.0
4.0
5.0±1.0
7±2
0.5+0.1,–0.03
1
22
7.5
8.0
4.0
5.0±1.0
7±2
0.5+0.1,–0.03
1
18
4.0
5.5
2.5
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
14
4.5
5.5
2.5
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
16
5.5
6.0
3.5
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
11
5.5
7.0
4.0
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
Temperature
characteristics
Capacitance change
Temperature range
C0G
0±30ppm/°C
–55 to +125°C
Temperature
characteristics
Capacitance change
Temperature range
X7R
±15%
–55 to +125°C
X5R
±15%
–55 to +85°C
X7S
±22%
–55 to +125°C
L
F
Fig.1
ød
L
T
F
Fig.2
ød
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
0R5
0.5pF
010
1pF
100
10pF
102
1,000pF
Symbol
Tolerance
Applicable capacitance
range
C
±0.25pF
10pF max.
D
±0.5pF
J±5%
Over 10pF
K
±10%
M
±20%
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2011/65/EC, lead, cadmium, mercury, hexavalent chromium, and
specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - FK18C0G2E121J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK18C0G2E121J TDK-FK18C0G2E121J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK18C0G2E121J TDK-FK18C0G2E121J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2E121J TDK-FK18C0G2E121J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2E121J TDK-FK18C0G2E121J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
More results

Similar Description - FK18C0G2E121J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com