Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39112B5168B510 Datasheet(PDF) 5 Page - TDK Electronics

Part No. B39112B5168B510
Description  SAW Components SAW RF filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39112B5168B510 Datasheet(HTML) 5 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
July 24, 2012
B5168
1080.00 MHz
SAW Components
SAW
Preliminary data
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 50
Ω (element values depend on pcb layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–55/+85
˚C
DC voltage
VDC
0
V
Source power
PS
0
dBm
Lp1 = 3.9 nH
Ls2 = 6.8 nH
Ls3 = 6.8 nH
Lp4 = 3.9 nH


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn