Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39112B5168B510 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39112B5168B510
Description  SAW Components SAW RF filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39112B5168B510 Datasheet(HTML) 4 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
July 24, 2012
B5168
1080.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW
Preliminary data
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
1080.00
MHz
Minimum insertion attenuation
α
min
3.6
6
dB
Amplitude ripple(p-p)
1079.95 ... 1080.05 MHz
0.25
1.5
dB
1079.80 ... 1080.20 MHz
0.5
3.0
dB
Passband width
α
rel ≤ 1.5 dB B1.5dB
0.9
1.1
MHz
α
rel ≤ 3.0 dB B3.0dB
1.1
1.3
MHz
Return loss
1079.95 ... 1080.05 MHz
8
12
dB
1079.80 ... 1080.20 MHz
6
12
dB
Relative attenuation (relative to
α
min)
α
rel
900.0
... 1071.5
MHz
30
40
dB
1071.5
... 1076.5
MHz
15
25
dB
1083.5
... 1088.5
MHz
15
25
dB
1088.5
... 1200.0
MHz
271)
1) Apart from a narrow peak around 1100 MHz which may reach up to around 25 dB
35
dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn