Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39112B5168B510 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B39112B5168B510
Description  SAW Components SAW RF filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39112B5168B510 Datasheet(HTML) 3 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 24, 2012
B5168
1080.00 MHz
SAW Components
SAW
Preliminary data
Please read
cautions and warnings and
important notes at the end of this document.
Application
s
Low-loss RF filter
s
Unbalanced operation
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Package code QCC8F
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Filter surface passivated
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitivity Level 1
side view
bottom view
0.6
3
7
5
3.0
top view
1
1.8
Pin configuration1)
s
1
Input ground (recommended) or input
s
2
Input (recommended) or input ground
s
5
Output (recommended) or output ground
s
6
Output ground (recommended) or output
s
3, 7
to be grounded
s
4,8
Case ground
1) The recommended pin configuration usually offers best
suppression of electrical crosstalk. The filter characteris-
tics refer to this configuration.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn