Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39112B5168B510 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39112B5168B510
Description  SAW Components SAW RF filter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39112B5168B510 Datasheet(HTML) 2 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
July 24, 2012
B5168
1080.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW
Preliminary data
Revision History
Changes compared to previously issued iteration
Issue
Originator
Detailed specification changes
Date
DG0610A01
Martin Stoerkle
Design goal release
07.06.2010
DGLY81A02
Martin Stoerkle
update package, pinning
08.11.2010
LY81A_1.0
Martin Stoerkle
first samples; bw, selectivity relaxed
15.12.2010
B5168_1.0
Martin Stoerkle
introduce order code; adjust orientation in
tape to EIA standard
24.07.2012


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn