Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU4S1001AT-1542-00 Datasheet(PDF) 7 Page - TDK Electronics

Part # CU4S1001AT-1542-00
Description  Isolator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CU4S1001AT-1542-00 Datasheet(HTML) 7 Page - TDK Electronics

  CU4S1001AT-1542-00 Datasheet HTML 1Page - TDK Electronics CU4S1001AT-1542-00 Datasheet HTML 2Page - TDK Electronics CU4S1001AT-1542-00 Datasheet HTML 3Page - TDK Electronics CU4S1001AT-1542-00 Datasheet HTML 4Page - TDK Electronics CU4S1001AT-1542-00 Datasheet HTML 5Page - TDK Electronics CU4S1001AT-1542-00 Datasheet HTML 6Page - TDK Electronics CU4S1001AT-1542-00 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20151001 / rf_isolator_cu4s1001_en.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
Please do not bring the magnet close to the product (Recommending is separating to 50cm or more). An electric
characteristic might be deteriorated.
The magnetic field of 5mT or more must not go into the product when you make the magnet approach.
Moreover, please do not touch a soft magnetic material such as iron (Recommending is separating to 10mm or
more). An electric characteristic might be deteriorated. An electric characteristic changes when bringing it close
within 10mm(reversible change).
There is a leakage of some magnetism (0.3T or less) from the product.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications equipment,
home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment,
industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality
require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person
or property.
Please understand that we are not responsible for any damage or liability caused by use of the products in any of the applications below
or for any other use exceeding the range or conditions set forth in this catalog.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When using this product in general-purpose applications, you are kindly requested to take into consideration securing protection circuit/
equipment or providing backup circuits, etc., to ensure higher safety.
REMINDERS


Similar Part No. - CU4S1001AT-1542-00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CU4S0401AT-1445-00 TDK-CU4S0401AT-1445-00 Datasheet
93Kb / 7P
   Isolator
CU4S0401AT-1493-00 TDK-CU4S0401AT-1493-00 Datasheet
93Kb / 7P
   Isolator
CU4S0401AT-1542-00 TDK-CU4S0401AT-1542-00 Datasheet
93Kb / 7P
   Isolator
CU4S0401AT-1643-00 TDK-CU4S0401AT-1643-00 Datasheet
93Kb / 7P
   Isolator
CU4S0401AT-1747-00 TDK-CU4S0401AT-1747-00 Datasheet
93Kb / 7P
   Isolator
More results

Similar Description - CU4S1001AT-1542-00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CU4S0401AT-1445-00 TDK-CU4S0401AT-1445-00 Datasheet
93Kb / 7P
   Isolator
logo
List of Unclassifed Man...
WH2A ETC1-WH2A Datasheet
104Kb / 2P
   Isolator
logo
TDK Electronics
CU4S0701AT-1445-00 TDK-CU4S0701AT-1445-00 Datasheet
96Kb / 7P
   Isolator
logo
List of Unclassifed Man...
WH1A ETC1-WH1A Datasheet
102Kb / 2P
   Isolator
logo
TDK Electronics
CU1L2581AT-1493-00 TDK-CU1L2581AT-1493-00 Datasheet
97Kb / 6P
   Isolator
logo
PHOENIX CONTACT
2902985 PHOENIX-2902985 Datasheet
819Kb / 19P
   Network isolator - FL ISOLATOR 100-M12
Dec 6, 2022
logo
Pepperl+Fuchs Inc.
LB4104A2 PF-LB4104A2 Datasheet
625Kb / 3P
   Output Isolator
2021-12-01
FB4201B2 PF-FB4201B2 Datasheet
513Kb / 3P
   Output Isolator
logo
PHOENIX CONTACT
2313928 PHOENIX-2313928 Datasheet
65Kb / 4P
   Network isolator - FL ISOLATOR 100-RJ/SC
logo
List of Unclassifed Man...
TA7414P ETC-TA7414P Datasheet
209Kb / 7P
   GNd Isolator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com