Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU4S0401AT-952-00 Datasheet(PDF) 6 Page - TDK Electronics

Part # CU4S0401AT-952-00
Description  Isolator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CU4S0401AT-952-00 Datasheet(HTML) 6 Page - TDK Electronics

  CU4S0401AT-952-00 Datasheet HTML 1Page - TDK Electronics CU4S0401AT-952-00 Datasheet HTML 2Page - TDK Electronics CU4S0401AT-952-00 Datasheet HTML 3Page - TDK Electronics CU4S0401AT-952-00 Datasheet HTML 4Page - TDK Electronics CU4S0401AT-952-00 Datasheet HTML 5Page - TDK Electronics CU4S0401AT-952-00 Datasheet HTML 6Page - TDK Electronics CU4S0401AT-952-00 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20151001 / rf_isolator_cu4s0401_en.fm
20151001 / rf_isolator_cu4s0401_en.fm
CU4S0401 Series
RECOMMENDED REFLOW PROFILE
Soaking
Working
Soldering Peak
Temp.
Time
Temp.
Time
Temp.
Time
Temp.
T1
T2
t1
T3
t2
T4
t3
T5
150°C
180°C
60 to 120s
230°C
30 to 60s
250°C
within 10s
260°C max.
t3
t1
Soaking
t2
Working
T3
T3
T4
T4
T5
T2
T1
t: Time
Soldering
Peak


Similar Part No. - CU4S0401AT-952-00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CU4S0506AC-1445-00 TDK-CU4S0506AC-1445-00 Datasheet
90Kb / 7P
   Circulator
CU4S0506AC-1493-00 TDK-CU4S0506AC-1493-00 Datasheet
90Kb / 7P
   Circulator
CU4S0506AC-1542-00 TDK-CU4S0506AC-1542-00 Datasheet
90Kb / 7P
   Circulator
CU4S0506AC-1643-00 TDK-CU4S0506AC-1643-00 Datasheet
90Kb / 7P
   Circulator
CU4S0506AC-1747-00 TDK-CU4S0506AC-1747-00 Datasheet
90Kb / 7P
   Circulator
More results

Similar Description - CU4S0401AT-952-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH2A ETC1-WH2A Datasheet
104Kb / 2P
   Isolator
logo
TDK Electronics
CU4S0701AT-1445-00 TDK-CU4S0701AT-1445-00 Datasheet
96Kb / 7P
   Isolator
CU4S1001AT-847-00 TDK-CU4S1001AT-847-00 Datasheet
90Kb / 7P
   Isolator
logo
List of Unclassifed Man...
WH1A ETC1-WH1A Datasheet
102Kb / 2P
   Isolator
logo
TDK Electronics
CU1L2581AT-1493-00 TDK-CU1L2581AT-1493-00 Datasheet
97Kb / 6P
   Isolator
logo
PHOENIX CONTACT
2902985 PHOENIX-2902985 Datasheet
819Kb / 19P
   Network isolator - FL ISOLATOR 100-M12
Dec 6, 2022
logo
Pepperl+Fuchs Inc.
LB4104A2 PF-LB4104A2 Datasheet
625Kb / 3P
   Output Isolator
2021-12-01
FB4201B2 PF-FB4201B2 Datasheet
513Kb / 3P
   Output Isolator
logo
PHOENIX CONTACT
2313928 PHOENIX-2313928 Datasheet
65Kb / 4P
   Network isolator - FL ISOLATOR 100-RJ/SC
logo
List of Unclassifed Man...
TA7414P ETC-TA7414P Datasheet
209Kb / 7P
   GNd Isolator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com