Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEA101910DT-6006B1 Datasheet(PDF) 4 Page - TDK Electronics

Part # DEA101910DT-6006B1
Description  Multilayer Phase Shifter (Delay Line)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA101910DT-6006B1 Datasheet(HTML) 4 Page - TDK Electronics

  DEA101910DT-6006B1 Datasheet HTML 1Page - TDK Electronics DEA101910DT-6006B1 Datasheet HTML 2Page - TDK Electronics DEA101910DT-6006B1 Datasheet HTML 3Page - TDK Electronics DEA101910DT-6006B1 Datasheet HTML 4Page - TDK Electronics DEA101910DT-6006B1 Datasheet HTML 5Page - TDK Electronics DEA101910DT-6006B1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150508 / rf_phase-shifter_dea101910dt-6006b1_en.fm
20150508 / rf_phase-shifter_dea101910dt-6006b1_en.fm
DEA101910DT-6006B1
FREQUENCY CHARACTERISTICS
INSERTION LOSS
ATTENUATION
VSWR
PHASE SHIFT
500
3000
2000
2500
1000
1500
Frequency(MHz)
3.0
2.0
2.5
1.0
1.5
0.5
0.0
25
30
35
40
45
50
8000
5000
6000
7000
3000
4000
20
15
10
5
0
Frequency(MHz)
500
1500
2000
3000
2500
1000
Frequency(MHz)
2.0
1.9
1.0
1.6
1.5
1.4
1.3
1.2
1.1
1.7
1.8
500
1500
2000
3000
2500
1000
Frequency(MHz)
150
100
200
–150
–200
–50
–100
0
50


Similar Part No. - DEA101910DT-6006B1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA101910DT-6004A1 TDK-DEA101910DT-6004A1 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6005A2 TDK-DEA101910DT-6005A2 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
More results

Similar Description - DEA101910DT-6006B1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA101910DT-6004A1 TDK-DEA101910DT-6004A1 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6018A1 TDK-DEA101910DT-6018A1 Datasheet
71Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6005A2 TDK-DEA101910DT-6005A2 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6016A1 TDK-DEA101910DT-6016A1 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6017A1 TDK-DEA101910DT-6017A1 Datasheet
70Kb / 6P
   Multilayer Phase Shifter (Delay Line)
logo
Analog Devices
HMC877LC3 AD-HMC877LC3 Datasheet
972Kb / 14P
   BROADBAND TIME DELAY & PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
   BROADBAND TIME DELAY & PHASE SHIFTER
HMC877LC3 HITTITE-HMC877LC3 Datasheet
936Kb / 12P
   BROADBAND TIME DELAY & PHASE SHIFTER SMT, 8 - 23 GHz
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
   PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
   PHASE SHIFTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com