Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU1S1055BC-2355-00 Datasheet(PDF) 7 Page - TDK Electronics

Part # CU1S1055BC-2355-00
Description  Circulator Product compatible with RoHS directive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CU1S1055BC-2355-00 Datasheet(HTML) 7 Page - TDK Electronics

  CU1S1055BC-2355-00 Datasheet HTML 1Page - TDK Electronics CU1S1055BC-2355-00 Datasheet HTML 2Page - TDK Electronics CU1S1055BC-2355-00 Datasheet HTML 3Page - TDK Electronics CU1S1055BC-2355-00 Datasheet HTML 4Page - TDK Electronics CU1S1055BC-2355-00 Datasheet HTML 5Page - TDK Electronics CU1S1055BC-2355-00 Datasheet HTML 6Page - TDK Electronics CU1S1055BC-2355-00 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20151001 / rf_circulator_cu1s1055_en.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
Please do not bring the magnet close to the product (Recommending is separating to 50cm or more). An electric
characteristic might be deteriorated.
The magnetic field of 5mT or more must not go into the product when you make the magnet approach.
Moreover, please do not touch a soft magnetic material such as iron (Recommending is separating to 10mm or
more). An electric characteristic might be deteriorated. An electric characteristic changes when bringing it close
within 10mm(reversible change).
There is a leakage of some magnetism (0.3T or less) from the product.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications equipment,
home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment,
industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality
require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person
or property.
Please understand that we are not responsible for any damage or liability caused by use of the products in any of the applications below
or for any other use exceeding the range or conditions set forth in this catalog.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When using this product in general-purpose applications, you are kindly requested to take into consideration securing protection circuit/
equipment or providing backup circuits, etc., to ensure higher safety.
REMINDERS


Similar Part No. - CU1S1055BC-2355-00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CU1S1281AC-1842-00 TDK-CU1S1281AC-1842-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S1281AC-1862-00 TDK-CU1S1281AC-1862-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S1281AC-1900-00 TDK-CU1S1281AC-1900-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S1281AC-1960-00 TDK-CU1S1281AC-1960-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S1281AC-1962-00 TDK-CU1S1281AC-1962-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
More results

Similar Description - CU1S1055BC-2355-00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CU1S1941AC-1493-00 TDK-CU1S1941AC-1493-00 Datasheet
93Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S2403AC-1493-00 TDK-CU1S2403AC-1493-00 Datasheet
97Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S1281AC-1842-00 TDK-CU1S1281AC-1842-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S2252AT-1493-00 TDK-CU1S2252AT-1493-00 Datasheet
102Kb / 7P
   Isolator Product compatible with RoHS directive
logo
Lineage Power Corporati...
AXH010A0F5 LINEAGEPOWER-AXH010A0F5 Datasheet
376Kb / 15P
   Compatible with RoHS EU Directive 200295/EC (-Z Versions)
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ Datasheet
333Kb / 3P
   Comply with the RoHS directive
logo
Alpha Wire
M44276 ALPHAWIRE-M44276 Datasheet
187Kb / 4P
   This product complies with European Directive
M44276F ALPHAWIRE-M44276F Datasheet
187Kb / 4P
   This product complies with European Directive
logo
MTRONPTI
M1532 MTRONPTI-M1532 Datasheet
114Kb / 3P
   Compliant to RoHS directive
logo
Yellow Stone Corp
GPL YSTONE-GPL Datasheet
492Kb / 2P
   Compliant to the RoHS directive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com