Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF22B-2EP-7.92DS Datasheet(PDF) 1 Page - Hirose Electric

Part # DF22B-2EP-7.92DS
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22B-2EP-7.92DS Datasheet(HTML) 1 Page - Hirose Electric

  DF22B-2EP-7.92DS Datasheet HTML 1Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 2Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 3Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 4Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 5Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 6Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 7Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 8Page - Hirose Electric DF22B-2EP-7.92DS Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NEW
1
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
DF22 Series
2004.5
sFeatures
1. 30 A maximum current
Single position connector can carry current of 30 A with #10 AWG
conductor. Please refer to Table #1 for current ratings for multi-
position connectors using other conductor sizes.
2. Complete Locking Function
Reliable interior lock protects mated connectors from
accidental disconnection.
3. Prevention of Incorrect Connections
To prevent incorrect connection when using multiple connectors
having the same Number of contacts, 3 product types having
different mating configurations are available.
4. Molded-in contact retention tabs
Handling of terminated contacts during the crimping is easier
and avoids entangling of wires, since there are no protruding
metal tabs.
5. Prevention of incorrect board placement
Built-in posts assure correct connector placement and
orientation on the board.
6. Supports encapsulation
Connectors can be encapsulated up to 10 mm without affecting
the performance.
7. Prevention of Short Circuits Between Adjacent Contacts
Each Contact is completely surrounded by the insulator
housing electrically isolating it from adjacent contacts.
8. Increased Retention Force of Crimped Contacts and
confirmation of complete contact insertion
Separate contact retainers are provided for applications where
extreme pull-out forces may be applied against the wire or when a
visual confirmation of the full contact insertion is required.
9. Full Line of Crimp Socket Contacts
Realizing the market needs for multitude of different applications, Hirose
has developed several variants of crimp socket contacts and housings.
Continuous development is adding different variations. Contact your
nearest Hirose Electric representative for latest developments.
10. In-line Connections
Connectors can be ordered for in-line cable connections. In addition,
assemblies can be placed next to each other allowing 4 position total
(2 ∞ 2) in a small space.
11. Listed by UL, C-UL, and TÜV.
sApplications
Office equipment, power supplies for industrial, medical
and instrumentation applications, variety of consumer
electronic, and electrical applications.
Prevention of Incorrect Connections
Complete
Locking
Function
qR Type (Guide key: right side, Color: black)
qStandard Type (Guide key: inside, Color: natural)
qL Type (Guide key: left side, Color: red)
*The photographs on the left show header (the board dip side),
the photographs on the right show the socket (cable side).
*The guide key position is indicated in position facing
the mating surface of the header.
Completely
enclosed
locking system
Protection from
shorts circuits
between adjacent
Contacts


Similar Part No. - DF22B-2EP-7.92DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22B-2EP-7.92C HIROSE-DF22B-2EP-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22B-2EP-7.92DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com