Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39162B8813P810 Datasheet(PDF) 6 Page - TDK Electronics

Part # B39162B8813P810
Description  SAW GPS COMPASS GLONASS filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39162B8813P810 Datasheet(HTML) 6 Page - TDK Electronics

  B39162B8813P810 Datasheet HTML 1Page - TDK Electronics B39162B8813P810 Datasheet HTML 2Page - TDK Electronics B39162B8813P810 Datasheet HTML 3Page - TDK Electronics B39162B8813P810 Datasheet HTML 4Page - TDK Electronics B39162B8813P810 Datasheet HTML 5Page - TDK Electronics B39162B8813P810 Datasheet HTML 6Page - TDK Electronics B39162B8813P810 Datasheet HTML 7Page - TDK Electronics B39162B8813P810 Datasheet HTML 8Page - TDK Electronics B39162B8813P810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
March 02, 2015
B8813
1582.47 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS + COMPASS + GLONASS filter
Data Sheet
Transfer function wideband


Similar Part No. - B39162B8813P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B8802P810 TDK-B39162B8802P810 Datasheet
115Kb / 10P
   SAW GPS GLONASS filter
More results

Similar Description - B39162B8813P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B8313P810 TDK-B39162B8313P810 Datasheet
110Kb / 8P
   SAW GPS COMPASS GLONASS
B39162B9877P810 TDK-B39162B9877P810 Datasheet
109Kb / 8P
   SAW GPS GLONASS Filter
B39162B9482P810 TDK-B39162B9482P810 Datasheet
99Kb / 8P
   SAW GPS GLONASS Filter
B39162B8802P810 TDK-B39162B8802P810 Datasheet
115Kb / 10P
   SAW GPS GLONASS filter
logo
Pulse A Technitrol Comp...
GPSGBXXXX PULSE-GPSGBXXXX Datasheet
1Mb / 17P
   GPS/GLONASS/BEIDOU/COMPASS/Galileo
logo
Transko Electronics, In...
TA1588BQ1 TRANSKO-TA1588BQ1 Datasheet
446Kb / 4P
   GPSGlonass, RF SAW Filter
Revision 0: March 2012
TA1588CQ1 TRANSKO-TA1588CQ1 Datasheet
450Kb / 4P
   GPSGlonass, RF SAW Filter
Revision 0: March 2012
TF-158501-C21 TRANSKO-TF-158501-C21 Datasheet
542Kb / 4P
   GPSGlonass, Balanced SAW Filter
Revision 1: April 2013
logo
Suzhou Maswell Communic...
AN_GPS_P228B MASWELL-AN_GPS_P228B Datasheet
766Kb / 3P
   GNSS Surveying Antenna (GPS/GLONASS/Galileo/COMPASS)
logo
Skyworks Solutions Inc.
SKY65623-682LF_017 SKYWORKS-SKY65623-682LF_017 Datasheet
645Kb / 8P
   GPS/GLONASS/Galileo/Compass radio receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com